Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASB33A Datasheet(PDF) 1 Page - StarHope

Part # ASB33A
Description  Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

ASB33A Datasheet(HTML) 1 Page - StarHope

  ASB33A Datasheet HTML 1Page - StarHope ASB33A Datasheet HTML 2Page - StarHope ASB33A Datasheet HTML 3Page - StarHope ASB33A Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPSEMI
REV 2016 08 10
..
.
www.spsemi.cn
Page 1 of 4
Surface Mount Auto Surge Suppressor
Working Peak Reverse Voltage - 2
2 to 42 Volts
8000 Watt Peak Pulse Power
Features
Glass passivated chip
8000 W peak pulse power capability with a 10/1000 s waveform,
μ
repetitive rate (dutycycle):0.01 %
Meet AEC-Q101 requirement
Low leakage
Uni-directional polarity
Excellent clamping capability
Very fast response time
RoHS compliant
ASB(8KW) Series
Mechanical Data
Plastic package DO-218AB/SOD-BLOCK
Epoxy: UL 94V-0 rate flame retardant
Polarity: Heatsink is anode
Maximum Ratings(T =25
unless otherwise noted )
A
Notes :
1.Non-repetitive current pulse , per Fig. 2 and derated above TA = 25
per Fig. 1 .
Peak power dissipation with a 10/1000μs waveform(Note 1)
Peak pulse current wih a 10/1000μs waveform(Note 1)
Power dissipation on infinite heatsink at TL = 25
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
RATING
SYMBOL
VALUE
UNITS
PPP
PD
IFSM
T, T
JSTG
8000
SEE
TABLE 1
-55 to
+175
5.0
Watts
Watts
Amps
Operating junction and storage temperature range
IPP
Amps
500


Similar Part No. - ASB33A

ManufacturerPart #DatasheetDescription
logo
StarHope
ASB33A SPSEMI-ASB33A Datasheet
1Mb / 4P
   Glass passivated chip
More results

Similar Description - ASB33A

ManufacturerPart #DatasheetDescription
logo
StarHope
ASS-ASC SPSEMI-ASS-ASC Datasheet
167Kb / 4P
   Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 3 to Volts 10000 Watt Peak Pulse Power
ASS-PKA SPSEMI-ASS-PKA Datasheet
156Kb / 4P
   Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
ASS-PKS SPSEMI-ASS-PKS Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 12000 Watt Peak Pulse Power
ASS-PKR SPSEMI-ASS-PKR Datasheet
112Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 6000 Watt Peak Pulse Power
ASS-PKL SPSEMI-ASS-PKL Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
ASS-PKT SPSEMI-ASS-PKT Datasheet
112Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 24 to 48 Volts 18000 Watt Peak Pulse Power
logo
Pan Jit International I...
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
P4SMAJ PANJIT-P4SMAJ Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com