Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F2801GGMA Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320F2801GGMA
Description  Digital Signal Processors
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2801GGMA Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320F2801GGMA Datasheet HTML 7Page - Texas Instruments TMS320F2801GGMA Datasheet HTML 8Page - Texas Instruments TMS320F2801GGMA Datasheet HTML 9Page - Texas Instruments TMS320F2801GGMA Datasheet HTML 10Page - Texas Instruments TMS320F2801GGMA Datasheet HTML 11Page - Texas Instruments TMS320F2801GGMA Datasheet HTML 12Page - Texas Instruments TMS320F2801GGMA Datasheet HTML 13Page - Texas Instruments TMS320F2801GGMA Datasheet HTML 14Page - Texas Instruments TMS320F2801GGMA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 123 page
background image
www.ti.com
1
Features
TMS320F2808, TMS320F2806
TMS320F2801, UCD9501
Digital Signal Processors
SPRS230F – OCTOBER 2003 – REVISED SEPTEMBER 2005
• Three 32-Bit CPU Timers
• High-Performance Static CMOS Technology
Serial Port Peripherals
100 MHz (10-ns Cycle Time)
Up to 4 Serial Peripheral Interface (SPI)
Low-Power (1.8-V Core, 3.3-V I/O) Design
Modules
3.3-V Flash Voltage
Up to 2 Serial Communications Interface
• JTAG Boundary Scan Support
(SCI), Standard UART Modules
• High-Performance 32-Bit CPU (TMS320C28x)
Up to 2 Enhanced Controller Area Network
16 x 16 and 32 x 32 MAC Operations
(eCAN) Modules
16 x 16 Dual MAC
One Inter-Integrated-Circuit (I2C) Bus
Harvard Bus Architecture
• 12-Bit ADC, 16 Channels
Atomic Operations
2 x 8 Channel Input Multiplexer
Fast Interrupt Response and Processing
Two Sample-and-Hold
Unified Memory Programming Model
Single/Simultaneous Conversions
Code-Efficient (in C/C++ and Assembly)
Fast Conversion Rate: 160 ns/6.25 MSPS
• On-Chip Memory
Internal or External Reference
F2808: 64K X 16 Flash, 18K X 16 SARAM
• Up to 35 Individually Programmable,
F2806: 32K X 16 Flash, 10K X 16 SARAM
Multiplexed General-Purpose Input/Output
F2801: 16K X 16 Flash, 6K X 16 SARAM
(GPIO) Pins With Input Filtering
9501: 16K X 16 Flash, 6K X 16 SARAM
• Advanced Emulation Features
1K x 16 OTP ROM
Analysis and Breakpoint Functions
• Boot ROM (4K x 16)
Real-Time Debug via Hardware
With Software Boot Modes (via SCI, SPI,
• Development Tools Include
CAN, I2C, and Parallel I/O)
ANSI C/C++ Compiler/Assembler/Linker
Standard Math Tables
Supports TMS320C24x™/240x Instructions
• Clock and System Control
Code Composer Studio™ IDE
Dynamic PLL Ratio Changes Supported
DSP/BIOS™
On-Chip Oscillator
JTAG Scan Controllers(1)
Clock-Fail-Detect Mode
[Texas Instruments (TI) or Third-Party]
Watchdog Timer Module
Evaluation Modules
• Any GPIO A Pin Can Be Connected to One of
Broad Third-Party Digital Motor Control
the Three External Core Interrupts
Support
• Peripheral Interrupt Expansion (PIE) Block
• Low-Power Modes and Power Savings
That Supports All 43 Peripheral Interrupts
IDLE, STANDBY, HALT Modes Supported
• 128-Bit Security Key/Lock
Disable Individual Peripheral Clocks
Protects Flash/OTP/L0/L1 Blocks
• Package Options
Prevents Firmware Reverse Engineering
Thin Quad Flatpack (PZ)
• Enhanced Control Peripherals
MicroStar BGA™ (GGM, ZGM)
Up to 16 PWM Outputs
• Temperature Options:
Up to 4 HRPWM Outputs With 150 ps MEP
A: -40°C to 85°C (PZ, GGM, ZGM)
Resolution
S: -40°C to 125°C (PZ, GGM, ZGM)
Up to Four Capture Inputs
Q: -40°C to 125°C (PZ)
Up to Two Quadrature Encoder Interfaces
Up to Six 32-bit Timers
Up to Six 16-bit Timers
(1)
IEEE Standard 1149.1-1990 Standard Test Access Port and
Boundary Scan Architecture
TMS320C24x, Code Composer Studio, DSP/BIOS, MicroStar BGA, TMS320C28x, MicroStar, C28x, TMS320C2000, TMS320 are
trademarks of Texas Instruments.
eZdsp, XDS510USB are trademarks of Spectrum Digital.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320F2801GGMA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2801GGMA TI-TMS320F2801GGMA Datasheet
1Mb / 123P
[Old version datasheet]   Digital Signal Processors
TMS320F2801GGMA TI-TMS320F2801GGMA Datasheet
1Mb / 134P
[Old version datasheet]   Digital Signal Processors
TMS320F2801GGMA TI-TMS320F2801GGMA Datasheet
1Mb / 140P
[Old version datasheet]   Digital Signal Processors
TMS320F2801GGMA TI-TMS320F2801GGMA Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2801GGMA TI1-TMS320F2801GGMA Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2801GGMA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com