Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494A336K2R5AG7280 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T494A336K2R5AG7280
Description  Tantalum Surface Mount Capacitors ??Low ESR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494A336K2R5AG7280 Datasheet(HTML) 4 Page - Kemet Corporation

  T494A336K2R5AG7280 Datasheet HTML 1Page - Kemet Corporation T494A336K2R5AG7280 Datasheet HTML 2Page - Kemet Corporation T494A336K2R5AG7280 Datasheet HTML 3Page - Kemet Corporation T494A336K2R5AG7280 Datasheet HTML 4Page - Kemet Corporation T494A336K2R5AG7280 Datasheet HTML 5Page - Kemet Corporation T494A336K2R5AG7280 Datasheet HTML 6Page - Kemet Corporation T494A336K2R5AG7280 Datasheet HTML 7Page - Kemet Corporation T494A336K2R5AG7280 Datasheet HTML 8Page - Kemet Corporation T494A336K2R5AG7280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2008_T494 • 10/21/2016
44
Tantalum Surface Mount Capacitors – Low ESR
T494 Series Industrial Grade MnO
2
Electrical Characteristics
0.1
1
10
100
1,000
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T494C476M006AT
T494D337M010AT
T494B106M020AT
Capacitancevs.Frequency
0.01
0.1
1
10
100
1,000
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (HZ)
T494C476M006AT_IMP
T494D337M010AT_IMP
T494B106M020AT_IMP
T494C476M006AT_ESR
T494D337M010AT_ESR
T494B106M020AT_ESR
ESRvs.Frequency
Dimensions – Millimeters (Inches)
Metric will govern
H
X
T
B
B
G
F
E
A
L
R
P
SIDE VIEW
ANODE (+) END VIEW
BOTTOM VIEW
CATHODE (-) END VIEW
W
S
S
Termination cutout
at KEMET's option,
either end
Case Size
Component
KEMET EIA
L
W
H
F±0.1
±(0.004)
S
B ±0.15
(Ref)
±0.006
X (Ref)
P
(Ref)
R
(Ref)
T
(Ref)
A
(Min)
G
(Ref)
E
(Ref)
A
3216–18
3.2±0.2
(0.126±0.008)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
1.2
(0.047)
0.80 (0.032)
+0.2(0.008)
/−0.3(0.011)
0.4
(0.016)
0.10±0.10
(0.004±0.004)
0.4
(0.016)
0.4
(0.016)
0.13
(0.005)
1.2
(0.047)
1.1
(0.043)
1.3
(0.051)
B
3528–21
3.5±0.2
(0.138±0.008)
2.8±0.2
(0.110±0.008)
1.9±0.2
(0.075±0.008)
2.2
(0.087)
0.80 (0.032)
+0.1(0.004)
/−0.3(0.011)
0.4
(0.016)
0.10±0.10
(0.004±0.004)
0.5
(0.020)
1.0
(0.039)
0.13
(0.005)
1.9
(0.075)
1.8
(0.071)
2.2
(0.087)
C
6032–28
6.0±0.3
(0.236±0.012)
3.2±0.3
(0.126±0.012)
2.5±0.3
(0.098±0.012)
2.2
(0.087)
1.30 (0.051)
±0.3 (0.011)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
0.9
(0.035)
1.0
(0.039)
0.13
(0.005)
2.9
(0.114)
2.8
(0.110)
2.4
(0.094)
D
7343–31
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
2.8±0.3
(0.110±0.012)
2.4
(0.094)
1.30 (0.051)
±0.3 (0.011)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
0.9
(0.035)
1.0
(0.039)
0.13
(0.005)
3.6
(0.142)
3.5
(0.138)
3.5
(0.138)
X
7343–
43
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
4.0±0.3
(0.157±0.012)
2.4
(0.094)
1.30 (0.051)
±0.3 (0.011)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
1.7
(0.067)
1.0
(0.039)
0.13
(0.005)
3.6
(0.142)
3.5
(0.138)
3.5
(0.138)
E
7360-38
7.3±0.3
(0.287±0.012)
6.0±0.3
(0.236±0.012)
3.6±0.2
(0.142±0.008)
4.1
(0.161)
1.30 (0.051)
±0.3 (0.011)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
N/A
N/A
0.13
(0.005)
3.6
(0.142)
3.5
(0.138)
3.5
(0.138)
S
3216–12
3.2±0.2
(0.126±0.008)
1.6±0.2
(0.063±0.008)
1.2
(0.047)
1.2
(0.047)
0.80 (0.032)
+0.2(0.008)
/−0.3(0.011)
N/A
0.05
(0.002)
N/A
N/A
0.13
(0.005)
1.2
(0.047)
1.1
(0.043)
1.3
(0.051)
T
3528–12
3.5±0.2
(0.138±0.008)
2.8±0.2
(0.110±0.008)
1.2
(0.047)
2.2
(0.087)
0.80 (0.032)
+0.1(0.004)
/−0.3(0.011)
N/A
0.05
(0.002)
N/A
N/A
0.13
(0.005)
1.9
(0.075)
1.8
(0.071)
2.2
(0.087)
U
6032–15
6.0±0.3
(0.236±0.012)
3.2±0.2
(0.110±0.008)
1.5
(0.059)
2.2
(0.087)
1.30 (0.051)
±0.3 (0.011)
N/A
0.05
(0.002)
N/A
N/A
0.13
(0.005)
2.9
(0.114)
2.8
(0.110)
2.4
(0.094)
V
7343-20
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
2.0
(0.079)
2.4
(0.094)
1.30 (0.051)
±0.3 (0.011)
N/A
0.05
(0.002)
N/A
N/A
0.13
(0.005)
3.6
(0.142)
3.5
(0.138)
3.5
(0.138)
Notes: (Ref) – Dimensions provided for reference only. For low profile cases, no dimensions are provided for B, P or R because these cases do not have a
bevel or a notch.


Similar Part No. - T494A336K2R5AG7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494A336K003AS KEMET-T494A336K003AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494A336K004AS KEMET-T494A336K004AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494A336K010AT KEMET-T494A336K010AT Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, Low ESR, 33 uF, 3216, /-10% Tol, 10 VDC (85C)
More results

Similar Description - T494A336K2R5AG7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045_17 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
logo
Kemet Corporation
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com