Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1206JR7BB Datasheet(PDF) 4 Page - YAGEO Corporation

Part # CC1206JR7BB
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1206JR7BB Datasheet(HTML) 4 Page - YAGEO Corporation

  CC1206JR7BB Datasheet HTML 1Page - YAGEO Corporation CC1206JR7BB Datasheet HTML 2Page - YAGEO Corporation CC1206JR7BB Datasheet HTML 3Page - YAGEO Corporation CC1206JR7BB Datasheet HTML 4Page - YAGEO Corporation CC1206JR7BB Datasheet HTML 5Page - YAGEO Corporation CC1206JR7BB Datasheet HTML 6Page - YAGEO Corporation CC1206JR7BB Datasheet HTML 7Page - YAGEO Corporation CC1206JR7BB Datasheet HTML 8Page - YAGEO Corporation CC1206JR7BB Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.yageo.com
May. 31, 2016 V.14
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
4
4
Product specification
X7R
Table 2 Sizes from 0201 to 0402
CAPACITANCE RANGE & THICKNESS FOR X7R
CAP.
0201
0402
6.3 V
10 V
16 V
25 V
50 V
6.3 V
10 V
16 V
25 V
50 V
100 pF
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
150 pF
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
220 pF
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
330 pF
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
470 pF
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
680 pF
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
1.0 nF
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
1.5 nF
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
2.2 nF
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
3.3 nF
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
4.7 nF
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
6.8 nF
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
10 nF
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
15 nF
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
22 nF
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
33 nF
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
47 nF
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
68 nF
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
100 nF
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
150 nF
220 nF
0.5± 0.05
0.5± 0.05
0.5± 0.05
330 nF
470 nF
0.5± 0.05
0.5± 0.05
680 nF
1.0 µF
0.5± 0.05
2.2 µF
4.7 µF
10 µF
22 µF
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-6 series is on request
3. For product with 5% tolerance, please contact local sales force before ordering


Similar Part No. - CC1206JR7BB

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1206JR7BN YAGEO-CC1206JR7BN Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1206JR7BB

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com