Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPE06RA Datasheet(PDF) 4 Page - StarHope

Part # SPE06RA
Description  Surge & ESD Protection Device SPE06R Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SPE06RA Datasheet(HTML) 4 Page - StarHope

  SPE06RA Datasheet HTML 1Page - StarHope SPE06RA Datasheet HTML 2Page - StarHope SPE06RA Datasheet HTML 3Page - StarHope SPE06RA Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPSEMI
REV 2016 12 12
..
.
www.spsemi.cn
Page 4 of 4
Marking Code
E06A
****
Marking Code
Logo
Date Code
Recommended Soldering Conditions
Recommended Conditions
Reflow Soldering
ts
tP
tL
Time
25
time to peak temperature
(t 25
to peak)
T (min)
s
T (max)
s
TL
TP
Preheat
Ramp-down
Ramp-up
Critical Zone
Tto T
LP
Re”ow Condition
Pb-Free assembly
Pre Heat
-Temperature Min(T
)
s(min)
-Temperature Max(T
)
s(max)
-Time(Min to Max)(t )
s
Average ramp up rate
(Liquidus Temp(T ) to peak)
L
T
to T -Ramp-up Rate
s(max)
L
Re”ow
-Temperature(T )(Liquidus)
L
-Temperature(t )
L
Peak Temp(T )
P
Time within 5
of actual Peak Temp(t )
P
Ramp-down Rate
Time 25
to Peak Temp(T )
P
Do not exceed
+150
+200
60-180secs
3
/sec.Max.
3
/sec.Max.
+217
60-150secs
+260(+0/-5)
30 secs.Max.
6
/sec.Max.
8 min.Max.
+260
S.E.T/SPE06R Series
Tape And Reel Specification
Symbol
Ea Per Reel
Reel Dia(mm)
Industry Standard
SPE06R**
5000
330
EIA RS-481
0.157
(4.0)
0.47
(12.0)
0.157
(4.0)
0.47
(12.0)
13.0(330)


Similar Part No. - SPE06RA

ManufacturerPart #DatasheetDescription
logo
StarHope
SPE06RA SPSEMI-SPE06RA Datasheet
885Kb / 2P
   Surge & ESD Protection Device
More results

Similar Description - SPE06RA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSPM2051 ONSEMI-NSPM2051 Datasheet
99Kb / 6P
   ESD & Surge Protection Device
March, 2017 ??Rev. 3
logo
StarHope
SPE06RB SPSEMI-SPE06RB Datasheet
852Kb / 2P
   Surge & ESD Protection Device
SPE06RA SPSEMI-SPE06RA Datasheet
885Kb / 2P
   Surge & ESD Protection Device
SPE06SB SPSEMI-SPE06SB Datasheet
775Kb / 2P
   Surge & ESD Protection Device
SET-SPE06S SPSEMI-SET-SPE06S Datasheet
124Kb / 4P
   Surge & ESD Protection Device SPE06S Series
logo
ON Semiconductor
NSPM2052 ONSEMI-NSPM2052 Datasheet
373Kb / 8P
   ESD and Surge Protection Device
September, 2021 ??Rev. 3
logo
StarHope
SET-SPE06TA SPSEMI-SET-SPE06TA Datasheet
116Kb / 4P
   Surge & ESD Protection Device SPE06TA
logo
ON Semiconductor
NSP2201MR6 ONSEMI-NSP2201MR6 Datasheet
267Kb / 8P
   ESD and Surge Protection Device
July, 2019 ??Rev. 0
NSPM3041 ONSEMI-NSPM3041 Datasheet
396Kb / 8P
   4.8V Bidirectional ESD and Surge Protection Device
October, 2020 ??Rev. 2
NSPM3031 ONSEMI-NSPM3031 Datasheet
299Kb / 8P
   3.3V Bidirectional ESD and Surge Protection Device
September, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com