Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494T336K003AG7280 Datasheet(PDF) 10 Page - Kemet Corporation

Part # T494T336K003AG7280
Description  Tantalum Surface Mount Capacitors ??Low ESR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494T336K003AG7280 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T494T336K003AG7280 Datasheet HTML 6Page - Kemet Corporation T494T336K003AG7280 Datasheet HTML 7Page - Kemet Corporation T494T336K003AG7280 Datasheet HTML 8Page - Kemet Corporation T494T336K003AG7280 Datasheet HTML 9Page - Kemet Corporation T494T336K003AG7280 Datasheet HTML 10Page - Kemet Corporation T494T336K003AG7280 Datasheet HTML 11Page - Kemet Corporation T494T336K003AG7280 Datasheet HTML 12Page - Kemet Corporation T494T336K003AG7280 Datasheet HTML 13Page - Kemet Corporation T494T336K003AG7280 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2008_T494 • 10/21/2016 10
10
Tantalum Surface Mount Capacitors – Low ESR
T494 Series Industrial Grade MnO
2
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum).
Designates termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will
be marked with the higher voltage rating. Substitutions can include better than series.
Rated
Voltage
Rated
Cap
Case
Code/
Case
Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA at 20ºC
Max/5 Min
% at 20ºC
120 Hz Max
Ω at 20ºC
100 kHz
Max
mA at 25ºC
100 kHz
mA at
85ºC 100
kHz
mA at
125ºC 100
kHz
ºC
Reflow Temp
≤ 260ºC
20
4.7
A/3216-18
T494A475(1)020A(2)
0.9
6.0
3.0
158
142
63
125
1
20
6.8
C/6032-28
T494C685(1)020A(2)
1.4
6.0
0.6
428
385
171
125
1
20
6.8
U/6032-15
T494U685(1)020A(2)
1.4
6.0
1.4
254
229
102
125
1
20
6.8
B/3528-21
T494B685(1)020A(2)
1.4
6.0
1.0
292
263
117
125
1
20
6.8
A/3216-18
T494A685(M)020A(2)
1.4
8.0
3.0
158
142
63
125
1
20
10
C/6032-28
T494C106(1)020A(2)
2.0
6.0
0.5
469
422
188
125
1
20
10
U/6032-15
T494U106(1)020A(2)
2.0
6.0
0.8
335
302
134
125
1
20
10
B/3528-21
T494B106(1)020A(2)
2.0
6.0
1.0
292
263
117
125
1
20
10
A/3216-18
T494A106(M)020A(2)
2.0
10.0
3.0
158
142
63
125
1
20
15
D/7343-31
T494D156(1)020A(2)
3.0
6.0
0.35
655
590
262
125
1
20
15
C/6032-28
T494C156(1)020A(2)
3.0
6.0
0.40
524
472
210
125
1
20
22
D/7343-31
T494D226(1)020A(2)
4.4
6.0
0.3
707
636
283
125
1
20
22
V/7343-20
T494V226(1)020A(2)
4.4
6.0
0.4
559
503
224
125
1
20
22
C/6032-28
T494C226(1)020A(2)
4.4
6.0
0.4
524
472
210
125
1
20
22
B/3528-21
T494B226(1)020A(2)
4.4
8.0
3.0
168
151
67
125
1
20
33
D/7343-31
T494D336(1)020A(2)
6.6
6.0
0.25
775
698
310
125
1
20
33
C/6032-28
T494C336(M)020A(2)
6.6
6.0
0.40
524
472
210
125
1
20
33
V/7343-20
T494V336(1)020A(2)
6.6
8.0
0.40
559
503
224
125
1
20
33
B/3528-21
T494B336(M)020A(2)
6.6
10.0
3.00
168
151
67
125
1
20
47
C/6032-28
T494C476(M)020A(2)
9.4
10.0
0.80
371
334
148
125
1
20
47
D/7343-31
T494D476(1)020A(2)
9.4
6.0
0.20
866
779
346
125
1
20
68
X/7343-43
T494X686(1)020A(2)
13.6
6.0
0.20
908
817
363
125
1
20
68
D/7343-31
T494D686(1)020A(2)
13.6
8.0
0.20
866
779
346
125
1
20
68
C/6032-28
T494C686(1)020A(2)
13.6
8.0
0.38
542
488
217
125
1
20
100
D/7343-31
T494D107(1)020A(2)
20.0
6.0
0.68
471
424
188
125
1
20
100
X/7343-43
T494X107(1)020A(2)
20.0
8.0
0.15
1049
944
420
125
1
20
100
E/7360-38
T494E107(1)020A(2)
20.0
8.0
0.30
816
734
326
125
1
20
150
X/7343-43
T494X157(1)020A(2)
30.0
10.0
0.30
742
668
297
125
1
25
0.33
A/3216-18
T494A334(1)025A(2)
0.5
4.0
10.0
87
78
35
125
1
25
0.47
A/3216-18
T494A474(1)025A(2)
0.5
4.0
9.0
91
82
36
125
1
25
0.68
A/3216-18
T494A684(1)025A(2)
0.5
4.0
6.0
112
101
45
125
1
25
1
B/3528-21
T494B105(1)025A(2)
0.5
4.0
2.0
206
185
82
125
1
25
1
A/3216-18
T494A105(1)025A(2)
0.5
4.0
4.0
137
123
55
125
1
25
1.5
B/3528-21
T494B155(1)025A(2)
0.5
6.0
1.5
238
214
95
125
1
25
1.5
A/3216-18
T494A155(1)025A(2)
0.5
6.0
3.0
158
142
63
125
1
25
2.2
C/6032-28
T494C225(1)025A(2)
0.6
6.0
2.2
224
202
90
125
1
25
2.2
B/3528-21
T494B225(1)025A(2)
0.6
6.0
1.2
266
239
106
125
1
25
2.2
A/3216-18
T494A225(1)025A(2)
0.6
6.0
3.0
158
142
63
125
1
25
3.3
C/6032-28
T494C335(1)025A(2)
0.8
6.0
1.2
303
273
121
125
1
25
3.3
B/3528-21
T494B335(1)025A(2)
0.8
6.0
2.0
206
185
82
125
1
25
3.3
A/3216-18
T494A335(1)025A(2)
0.8
6.0
3.0
158
142
63
125
1
25
4.7
C/6032-28
T494C475(1)025A(2)
1.2
6.0
0.6
428
385
171
125
1
25
4.7
B/3528-21
T494B475(1)025A(2)
1.2
6.0
1.0
292
263
117
125
1
25
4.7
A/3216-18
T494A475(M)025A(2)
1.2
8.0
3.0
158
142
63
125
1
25
6.8
C/6032-28
T494C685(1)025A(2)
1.7
6.0
0.6
428
385
171
125
1
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA at 20ºC
Max/5 Min
% at 20ºC
120 Hz Max
Ω at 20ºC
100 kHz
Max
mA at 25ºC
100 kHz
mA at
85ºC 100
kHz
mA at
125ºC 100
kHz
ºC
Reflow Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL


Similar Part No. - T494T336K003AG7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494T336004A KEMET-T494T336004A Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T494T336M004AS KEMET-T494T336M004AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494T336M004AT KEMET-T494T336M004AT Datasheet
2Mb / 22P
   T494 Industrial Grade Low ESR MnO2 Series
T494T336M006AS KEMET-T494T336M006AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
More results

Similar Description - T494T336K003AG7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045_17 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
logo
Kemet Corporation
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com