Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM322522-1R2JL Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CM322522-1R2JL
Description  Chip Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM322522-1R2JL Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CM322522-1R2JL Datasheet HTML 1Page - Bourns Electronic Solutions CM322522-1R2JL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SRF0504 Series - Line Filter
Soldering Profile
REV. 08/14
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CM322522 Series - Chip Inductor
Packaging Specifications
10 +0
(.394 +0)
12.5
(.492)
2.0
± 0.5
(.079
± .020)
50.0 -0
(1.97 -0)
178
(7.008)
DIA.
13.0
(.512)
DIA.
13.0
(.512)
DIA.
21.0
± 0.8
(.827
± .031)
8.0
(.315)
4.0
(.157)
4.0
(.157)
START
END
USER DIRECTION OF FEED
200
(7.874)
LEADER
MIN.
NO COMPONENT
TRAILER
MIN.
NO COMPONENT
COMPONENTS
160
(6.299)
DIMENSIONS:
MM
(INCHES)
QTY: 2000 PCS. PER REEL
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
150 °C
183 °C
170 °C
Ramp Down
5 °C/second
<1> 245 °C
<1> 5 seconds maximum
at +245 °C
Ramp Up
4 °C/second maximum
10 seconds minimum


Similar Part No. - CM322522-1R2JL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM322522-1R2K BOURNS-CM322522-1R2K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM322522-1R2KL BOURNS-CM322522-1R2KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
More results

Similar Description - CM322522-1R2JL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
XFMRS Inc.
XFEB30-322513 XFMRS-XFEB30-322513 Datasheet
43Kb / 1P
   CHIP INDUCTOR
logo
Coilcraft lnc.
1008HT COILCRAFT-1008HT Datasheet
219Kb / 2P
   Chip Inductor
logo
AiT Semiconductor Inc.
WCF AITSEMI-WCF Datasheet
367Kb / 8P
   CHIP INDUCTOR
logo
Bourns Electronic Solut...
CMH322522_MDS BOURNS-CMH322522_MDS Datasheet
225Kb / 1P
   Chip Inductor
CS160808_MDS BOURNS-CS160808_MDS Datasheet
176Kb / 1P
   Chip Inductor
logo
XFMRS Inc.
XFWI453232-820J XFMRS-XFWI453232-820J Datasheet
44Kb / 1P
   Chip Inductor
XFWI453232-221J XFMRS-XFWI453232-221J Datasheet
44Kb / 1P
   Chip Inductor
logo
AiT Semiconductor Inc.
WCA AITSEMI-WCA Datasheet
371Kb / 7P
   CHIP INDUCTOR
WCD AITSEMI-WCD Datasheet
277Kb / 5P
   CHIP INDUCTOR
WCC AITSEMI-WCC Datasheet
300Kb / 7P
   CHIP INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com