Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R413F23300000K Datasheet(PDF) 2 Page - Kemet Corporation

Part # R413F23300000K
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R413F23300000K Datasheet(HTML) 2 Page - Kemet Corporation

  R413F23300000K Datasheet HTML 1Page - Kemet Corporation R413F23300000K Datasheet HTML 2Page - Kemet Corporation R413F23300000K Datasheet HTML 3Page - Kemet Corporation R413F23300000K Datasheet HTML 4Page - Kemet Corporation R413F23300000K Datasheet HTML 5Page - Kemet Corporation R413F23300000K Datasheet HTML 6Page - Kemet Corporation R413F23300000K Datasheet HTML 7Page - Kemet Corporation R413F23300000K Datasheet HTML 8Page - Kemet Corporation R413F23300000K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3100_R41_Y2_300 • 6/9/2016
2
Metallized Polypropylene Film EMI Suppression Capacitors
R41 Series, Class Y2, 300 VAC, 110ºC (Automotive Grade)
Ordering Options Table
Lead Spacing
Nominal (mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging Code
10,
15,
22.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
00
Ammo Pack
H
0=18.5+/-0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
CK
Bulk (Bag) – Short Leads
3.5+0.5/-0
JB
Bulk (Bag) – Short Leads
4.0+0.5/-0
JE
Bulk (Bag) – Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag) – Long Leads
18+1/-1
JM
Bulk (Bag) – Long Leads
30+5/-0
40
Bulk (Bag) – Long Leads
25+2/-1
50
27.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
00
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
CK
Other Lead and Packaging Options
Bulk (Bag) – Long Leads
30+5/-0
40
Bulk (Bag) – Long Leads
25+2/-1
50
37.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
00
Other Lead and Packaging Options
Bulk (Bag) – Long Leads
30+5/-0
40
Bulk (Bag) – Long Leads
25+2/-1
50


Similar Part No. - R413F23300000K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R413F11000000M KEMET-R413F11000000M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R41, 1000 pF, 20%, 1,000 V, 300 V, 110C, Lead Spacing = 10mm
R413F11004000M KEMET-R413F11004000M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R41, 1000 pF, 20%, 1,000 V, 300 V, 110C, Lead Spacing = 10mm
R413F11005000K KEMET-R413F11005000K Datasheet
226Kb / 1P
   R41, Film, Metallized Polypropylene, Automotive Safety, 1000 pF, 10%, 300 VAC (Y2), 1000 VDC, 110°C, Lead Spacing = 10mm
10/20/2022
R413F11005000M KEMET-R413F11005000M Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, R41, 1000 pF, 20%, 1,000 V, 300 V, 110C, Lead Spacing = 10mm
R413F1100JH00M KEMET-R413F1100JH00M Datasheet
58Kb / 1P
   R41, Film, Metallized Polypropylene, Automotive Safety, 1000 pF, 20%, 300 VAC (Y2), 1000 VDC, 110째C, Lead Spacing = 10mm
More results

Similar Description - R413F23300000K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com