Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3882 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1N3882
Description  Fast Recovery Diodes (Stud Version), 6 A, 12 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3882 Datasheet(HTML) 1 Page - Vishay Siliconix

  1N3882 Datasheet HTML 1Page - Vishay Siliconix 1N3882 Datasheet HTML 2Page - Vishay Siliconix 1N3882 Datasheet HTML 3Page - Vishay Siliconix 1N3882 Datasheet HTML 4Page - Vishay Siliconix 1N3882 Datasheet HTML 5Page - Vishay Siliconix 1N3882 Datasheet HTML 6Page - Vishay Siliconix 1N3882 Datasheet HTML 7Page - Vishay Siliconix 1N3882 Datasheet HTML 8Page - Vishay Siliconix 1N3882 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VS-1N3879(R), VS-1N3889(R) Series
www.vishay.com
Vishay Semiconductors
Revision: 28-May-15
1
Document Number: 93144
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Recovery Diodes (Stud Version), 6 A, 12 A
FEATURES
• Short reverse recovery time
• Low stored charge
• Wide current range
• Excellent surge capabilities
•Standard JEDEC® types
• Stud cathode and stud anode versions
• Fully characterized reverse recovery conditions
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
• DC power supplies
•Inverters
• Converters
• Choppers
• Ultrasonic systems
• Freewheeling diodes
Note
(1) JEDEC® registered values
PRODUCT SUMMARY
IF(AV)
6 A, 12 A
Package
DO-203AA (DO-4)
Circuit configuration
Single diode
DO-203AA (DO-4)
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
TEST CONDITIONS
1N3879(R) TO 1N3883(R)
1N3889(R) TO 1N3893(R)
UNITS
IF(AV)
6 (1)
12 (1)
A
TC maximum
100
100
°C
IF(RMS)
9.5
19
A
IFSM
50 Hz
72
145
A
60 Hz
75 (1)
150 (1)
I2t
50 Hz
26
103
A2s
60 Hz
23
94
I2
t
363
856
I2
s
VRRM
Range
50 to 400 (1)
50 to 400 (1)
V
trr
See Recovery Characteristics table See Recovery Characteristics table
ns
TJ
Range
-65 to +150
-65 to +150
°C


Similar Part No. - 1N3882

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3882 MICROSEMI-1N3882 Datasheet
110Kb / 2P
   Fast Recovery Rectifier
logo
GeneSiC Semiconductor, ...
1N3882 GENESIC-1N3882 Datasheet
736Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3882 IRF-1N3882 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3882 VISHAY-1N3882 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
1N3882 VISHAY-1N3882 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
More results

Similar Description - 1N3882

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
01-Jan-2022
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
   Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
16FLR60MS02 VISHAY-16FLR60MS02 Datasheet
184Kb / 13P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 08-Apr-13
VS-6FLR VISHAY-VS-6FLR Datasheet
188Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 06-Mar-17
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 11-Jan-18
1N3879 VISHAY-1N3879_12 Datasheet
2Mb / 13P
   Fast Recovery Diodes (Stud Version), 6/12/16 A
Revision: 26-Sep-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
   Standard Recovery Diodes, (Stud Version), 12 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com