Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3891 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 1N3891
Description  Fast Recovery Diodes (Stud Version), 6 A, 12 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3891 Datasheet(HTML) 5 Page - Vishay Siliconix

  1N3891 Datasheet HTML 1Page - Vishay Siliconix 1N3891 Datasheet HTML 2Page - Vishay Siliconix 1N3891 Datasheet HTML 3Page - Vishay Siliconix 1N3891 Datasheet HTML 4Page - Vishay Siliconix 1N3891 Datasheet HTML 5Page - Vishay Siliconix 1N3891 Datasheet HTML 6Page - Vishay Siliconix 1N3891 Datasheet HTML 7Page - Vishay Siliconix 1N3891 Datasheet HTML 8Page - Vishay Siliconix 1N3891 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VS-1N3879(R), VS-1N3889(R) Series
www.vishay.com
Vishay Semiconductors
Revision: 28-May-15
5
Document Number: 93144
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Current Rating Nomogram (Rectangular Waveforms), 1N3879 Series
Fig. 6 - Current Rating Nomogram (Sinusoidal Waveforms), 1N3889 Series
Fig. 7 - Current Rating Nomogram (Rectangular Waveforms), 1N3889 Series
Average Forward Current (A)
Maximum Allowable
Ambient Temperature (°C)
135
10
100
180°
0.33
120°
0.58
60°
1.28
30°
2.20
90
80
70
60
50
40
30
20
10
79
24
68
0
0
14
12
10
8
6
2
4
DC
0
RMS limit
1N3879
to 1N3883
T
J = 150 °C
Ø = 180°
120°
60°
30°
DC
Conduction angle
Ø
No heatsink
30 - ΔR
20 - ΔR
15 - ΔR
12 - Δ
R
R
thSA =
8
- ΔR
K/W
10
- ΔR
4 -
ΔR
6 -
ΔR
5 -
ΔR
Average Forward Current (A)
Maximum Allowable
Ambient Temperature (°C)
13
5
12
100
180°
0.46
120°
0.48
60°
1.02
30°
1.76
90
80
70
60
50
40
30
20
10
7
9
10 11
24
68
0
0
7
8
9
10
6
5
4
3
1
2
Conduction angle
Ø
RMS limit
1N3889 to 1N3893
T
J = 150 °C
Ø = 180°
120°
60°
30°
No heatsink
30 - ΔR
20 - ΔR
15 - ΔR
12 - ΔR
10 - Δ
R
R
thSA
=
4
- Δ
R K/W
8 - ΔR
3 -
ΔR
2 -
Δ
R
6 - Δ
R
5 - Δ
R
Average Forward Current (A)
Maximum Allowable
Ambient Temperature (°C)
26
10
20
100
180°
0.26
120°
0.46
60°
1.02
30°
1.76
90
80
70
60
50
40
30
20
10
14
18
48
12
16
0
0
30
25
20
15
10
5
DC
0
RMS limit
1N3889
to 1N3893
T
J = 150 °C
Ø = 180°
120°
60°
30°
DC
Conduction angle
Ø
No heatsink
20 -
ΔR
15 - ΔR
R
thSA
= 2
- Δ
R K/W
10 - ΔR
4 - ΔR
3 - Δ
R
1.0
- Δ
R
0.5
- Δ
R
6 - ΔR
8 - ΔR
5 - ΔR


Similar Part No. - 1N3891

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3891 MICROSEMI-1N3891 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
1N3891 MICROSEMI-1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
International Rectifier
1N3891 IRF-1N3891 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
GeneSiC Semiconductor, ...
1N3891 GENESIC-1N3891 Datasheet
706Kb / 3P
   Silicon Fast Recovery Diode
logo
Vishay Siliconix
1N3891 VISHAY-1N3891 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
More results

Similar Description - 1N3891

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
01-Jan-2022
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
   Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
16FLR60MS02 VISHAY-16FLR60MS02 Datasheet
184Kb / 13P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 08-Apr-13
VS-6FLR VISHAY-VS-6FLR Datasheet
188Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 06-Mar-17
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 11-Jan-18
1N3879 VISHAY-1N3879_12 Datasheet
2Mb / 13P
   Fast Recovery Diodes (Stud Version), 6/12/16 A
Revision: 26-Sep-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
   Standard Recovery Diodes, (Stud Version), 12 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com