Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-8ETU04-1PbF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-8ETU04-1PbF
Description  Ultrafast Rectifier, 8 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-8ETU04-1PbF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-8ETU04-1PbF Datasheet HTML 1Page - Vishay Siliconix VS-8ETU04-1PbF Datasheet HTML 2Page - Vishay Siliconix VS-8ETU04-1PbF Datasheet HTML 3Page - Vishay Siliconix VS-8ETU04-1PbF Datasheet HTML 4Page - Vishay Siliconix VS-8ETU04-1PbF Datasheet HTML 5Page - Vishay Siliconix VS-8ETU04-1PbF Datasheet HTML 6Page - Vishay Siliconix VS-8ETU04-1PbF Datasheet HTML 7Page - Vishay Siliconix VS-8ETU04-1PbF Datasheet HTML 8Page - Vishay Siliconix VS-8ETU04-1PbF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VS-8ETU04SPbF, VS-8ETU04-1PbF
www.vishay.com
Vishay Semiconductors
Revision: 10-Jul-15
2
Document Number: 94031
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DYNAMIC RECOVERY CHARACTERISTICS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1.0 A, dIF/dt = 50 A/μs, VR = 30 V
-
35
60
ns
TJ = 25 °C
IF = 8 A
dIF/dt = 200 A/μs
VR = 200 V
-43-
TJ = 125 °C
-
67
-
Peak recovery current
IRRM
TJ = 25 °C
-
2.8
-
A
TJ = 125 °C
-
6.3
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
60
-
nC
TJ = 125 °C
-
210
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage
temperature range
TJ, TStg
-65
-
175
°C
Thermal resistance, junction to case
RthJC
-1.8
2.0
°C/W
Thermal resistance, junction to ambient
RthJA
Typical socket mount
-
-
50
Thermal resistance, case to heatsink
RthCS
Mounting surface, flat, smooth
and greased
-0.5
-
Weight
-2.0
-
g
-0.07
-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf · cm
(lbf · in)
Marking device
Case style TO-263AB (D2PAK)
8ETU04S
Case style TO-262
8ETU04-1


Similar Part No. - VS-8ETU04-1PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8ETU04-1-M3 VISHAY-VS-8ETU04-1-M3 Datasheet
202Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt®
Revision: 25-Oct-17
VS-8ETU04-1-M3 VISHAY-VS-8ETU04-1-M3 Datasheet
228Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt짰
01-Jan-2022
VS-8ETU04-1HM3 VISHAY-VS-8ETU04-1HM3 Datasheet
192Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 25-Aug-15
VS-8ETU04-1HM3 VISHAY-VS-8ETU04-1HM3 Datasheet
195Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-8ETU04-1PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETU04PBF VISHAY-8ETU04PBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETU04HN3 VISHAY-VS-8ETU04HN3 Datasheet
155Kb / 7P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 09-Oct-15
MURB820PBF VISHAY-MURB820PBF_10 Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETU04SPBF VISHAY-8ETU04SPBF_10 Datasheet
174Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
MUR820PBF VISHAY-MUR820PBF_11 Datasheet
154Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 04-May-11
MURB1520PBF VISHAY-MURB1520PBF_10 Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
VS-8ETU04PBF VISHAY-VS-8ETU04PBF Datasheet
159Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 26-Jun-12
ETL0806-M3 VISHAY-ETL0806-M3 Datasheet
200Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-11
VS-8ETU04SHM3 VISHAY-VS-8ETU04SHM3 Datasheet
192Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 25-Aug-15
VS-MURB820PBF VISHAY-VS-MURB820PBF Datasheet
172Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt®
Revision: 11-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com