Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-85HFL60S05 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-85HFL60S05
Description  Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-85HFL60S05 Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-85HFL60S05 Datasheet HTML 1Page - Vishay Siliconix VS-85HFL60S05 Datasheet HTML 2Page - Vishay Siliconix VS-85HFL60S05 Datasheet HTML 3Page - Vishay Siliconix VS-85HFL60S05 Datasheet HTML 4Page - Vishay Siliconix VS-85HFL60S05 Datasheet HTML 5Page - Vishay Siliconix VS-85HFL60S05 Datasheet HTML 6Page - Vishay Siliconix VS-85HFL60S05 Datasheet HTML 7Page - Vishay Siliconix VS-85HFL60S05 Datasheet HTML 8Page - Vishay Siliconix VS-85HFL60S05 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
VS-40HFL, VS-70HFL, VS-85HFL Series
www.vishay.com
Vishay Semiconductors
Revision: 02-Mar-17
4
Document Number: 93150
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Current Rating Nomogram (Sinusoidal Waveforms), 40HFL Series
Fig. 3 - Current Rating Nomogram (Rectangular Waveforms), 40HFL Series
Fig. 4 - Current Rating Nomogram (Sinusoidal Waveforms), 70HFL Series
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
Ø = 180 °
120 °
90 °
60 °
30 °
0
15
20
5
010
25
30
35
30
40
40
20
50
60
70
10
90
80
100
10
20
30
40
50
60
70
Ø
Conduction Angle
RMS limit
T
J = 125 °C
40HFL...
0.5
- Δ
R
0.7
- Δ
R
1.0
- Δ
R
1.5
- Δ
R
2.0
- ΔR
3 - ΔR
4 - ΔR
5 - ΔR
RMS limit
T
J = 25 °C
40HFL...
R
th
SA =
0.3
- Δ
R K/W
0.5
- Δ
R
Ø = DC
180°
120°
60°
Conduction Angle
Ø
0.7
- Δ
R
1.0
- ΔR
1.5
- ΔR
2.0- ΔR
3 - ΔR
4 - ΔR
30
40
10
020
50
60
30
40
70
20
50
60
70
10
90
80
100
0
10
20
30
40
50
60
100
90
80
70
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
RMS limit
T
J = 125 °C
70HFL...
R
th
SA =
0.3
- Δ
R K/W
0.5
- Δ
R
Ø = 180°
120°
90°
60°
30°
Ø
Conduction Angle
0.7
- Δ
R
1.0
- ΔR
1.5 - Δ
R
2.0 - ΔR
3 - ΔR
4 -
ΔR
30
40
10
020
50
60
30
40
70
20
50
60
70
10
90
80
100
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
20
40
60
100
120
80


Similar Part No. - VS-85HFL60S05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-85HFL VISHAY-VS-85HFL Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
VS-85HFLR100S05 VISHAY-VS-85HFLR100S05 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
VS-85HFLR10S02 VISHAY-VS-85HFLR10S02 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
VS-85HFLR20S02 VISHAY-VS-85HFLR20S02 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
VS-85HFLR40S02 VISHAY-VS-85HFLR40S02 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
More results

Similar Description - VS-85HFL60S05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
40HFL VISHAY-40HFL_12 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com