Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD101AWS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD101AWS
Description  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101AWS Datasheet(HTML) 2 Page - Vishay Siliconix

  SD101AWS Datasheet HTML 1Page - Vishay Siliconix SD101AWS Datasheet HTML 2Page - Vishay Siliconix SD101AWS Datasheet HTML 3Page - Vishay Siliconix SD101AWS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD101AWS, SD101BWS, SD101CWS
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 14-Oct-16
2
Document Number: 85680
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typical Variation of Forward Current vs. Forward Voltage
Fig. 2 - Typical Forward Conduction Curve
Fig. 3 - Typical Variation of Reverse Current at Various
Temperatures
Fig. 4 - Typical Capacitance Curve as a Function of Reverse Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 10 μA
SD101AWS
V(BR)
60
V
SD101BWS
V(BR)
50
V
SD101CWS
V(BR)
40
V
Leakage current
VR = 50 V
SD101AWS
IR
200
nA
VR = 40 V
SD101BWS
IR
200
nA
VR = 30 V
SD101CWS
IR
200
nA
Forward voltage drop
IF = 1 mA
SD101AWS
VF
410
mV
SD101BWS
VF
400
mV
SD101CWS
VF
390
mV
IF = 15 mA
SD101AWS
VF
1000
mV
SD101BWS
VF
950
mV
SD101CWS
VF
900
mV
Junction capacitance
VR = 0 V, f = 1 MHz
SD101AWS
CD
2.0
ns
SD101BWS
CD
2.1
ns
SD101CWS
CD
2.2
ns
Reverse recovery time
IF = IR = 5 mA,
recover to 0.1 IR
trr
1ns
0.01
0.1
1
10
0
0.4
0.6
0.8
1.0
0.2
A
B
C
VF - Forward Voltage (V)
18477
A
B
C
0
0.4
0.6
0.8
1.0
0.2
60
20
80
40
0
100
VF - Forward Voltage (V)
18478
100
10
1
0.1
0.01
10
20
30
40
050
75 °C
50 °C
25 °C
125 °C
100 °C
VR - Reverse Voltage (V)
18479
18480
10
20
30
40
0
0
1.0
1.2
1.4
1.6
1.8
2.0
0.6
0.8
0.2
0.4
50
Tj = 25 °C
C
B
A
VR - Reverse Voltage (V)


Similar Part No. - SD101AWS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD101AWS DIODES-SD101AWS Datasheet
60Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 4 - 2
logo
Pan Jit International I...
SD101AWS PANJIT-SD101AWS Datasheet
76Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Jiangsu Changjiang Elec...
SD101AWS JIANGSU-SD101AWS Datasheet
4Mb / 4P
   SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
SD101AWS DIODES-SD101AWS Datasheet
74Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 8 - 2
logo
Weitron Technology
SD101AWS WEITRON-SD101AWS Datasheet
226Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results

Similar Description - SD101AWS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com