Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3702IDG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV3702IDG4
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3702IDG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV3702IDG4 Datasheet HTML 4Page - Texas Instruments TLV3702IDG4 Datasheet HTML 5Page - Texas Instruments TLV3702IDG4 Datasheet HTML 6Page - Texas Instruments TLV3702IDG4 Datasheet HTML 7Page - Texas Instruments TLV3702IDG4 Datasheet HTML 8Page - Texas Instruments TLV3702IDG4 Datasheet HTML 9Page - Texas Instruments TLV3702IDG4 Datasheet HTML 10Page - Texas Instruments TLV3702IDG4 Datasheet HTML 11Page - Texas Instruments TLV3702IDG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TLV3701
TLV3702
TLV3704
SLCS137B – NOVEMBER 2000 – REVISED AUGUST 2001
8
www.ti.com
TYPICAL CHARACTERISTICS
Figure 12
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
0
25 50 75 100 125150175 200225250275300
–0.15
–0.10
–0.05
0
0.05
t – Time –
µs
LOW-TO-HIGH OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
VCC = 2.7 V
CL = 10 pF
TA = 25°C
50 mV
10 mV
2 mV
Figure 13
–0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
0 25 50 75 100 125150175 200225250275300
–0.05
0
0.05
0.10
0.15
t – Time –
µs
HIGH-TO-LOW LEVEL OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
10 mV
2 mV
VCC = 2.7 V
CL = 10 pF
TA = 25°C
50 mV
Figure 14
0
1
2
3
4
5
6
0
25 50 75 100 125150175 200225 250275300
–0.15
–0.10
–0.05
0
0.05
t – Time –
µs
LOW-TO-HIGH LEVEL OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
10 mV
50 mV
2 mV
VCC = 5 V
CL = 10 pF
TA = 25°C
Figure 15
0
1
2
3
4
5
6
0
25 50 75 100 125150175 200225 250275300
–0.05
0
0.05
0.10
t – Time –
µs
HIGH-TO-LOW LEVEL OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
10 mV
50 mV
2 mV
VCC = 5 V
CL = 10 pF
TA = 25°C
Figure 16
0
2
4
6
8
10
12
14
16
0 25 50 75 100 125150175 200225250 275300
–0.12
–0.08
–0.04
0
0.04
t – Time –
µs
LOW-TO-HIGH LEVEL OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
10 mV
2 mV
VCC = 15 V
CL = 10 pF
TA = 25°C
50 mV
Figure 17
0
2
4
6
8
10
12
14
16
0
50
100 150 200 250 300 350 400
–0.04
0
0.04
0.08
0.12
t – Time –
µs
HIGH-TO-LOW LEVEL OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
10 mV
50 mV
2 mV
VCC = 15 V
CL = 10 pF
TA = 25°C


Similar Part No. - TLV3702IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3702IDG4 TI1-TLV3702IDG4 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results

Similar Description - TLV3702IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701-Q1 TI-TLV3701-Q1 Datasheet
326Kb / 12P
[Old version datasheet]   FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com