Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494B336K016AN7280 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T494B336K016AN7280
Description  Tantalum Surface Mount Capacitors ??Low ESR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494B336K016AN7280 Datasheet(HTML) 1 Page - Kemet Corporation

  T494B336K016AN7280 Datasheet HTML 1Page - Kemet Corporation T494B336K016AN7280 Datasheet HTML 2Page - Kemet Corporation T494B336K016AN7280 Datasheet HTML 3Page - Kemet Corporation T494B336K016AN7280 Datasheet HTML 4Page - Kemet Corporation T494B336K016AN7280 Datasheet HTML 5Page - Kemet Corporation T494B336K016AN7280 Datasheet HTML 6Page - Kemet Corporation T494B336K016AN7280 Datasheet HTML 7Page - Kemet Corporation T494B336K016AN7280 Datasheet HTML 8Page - Kemet Corporation T494B336K016AN7280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2008_T494 • 10/21/2016
1
One world. One KEMET
Benefits
• Meets or exceeds EIA Standard 535BAAC
• Taped and reeled per EIA 481
• Symmetrical, compliant terminations
• Optional gold-plated terminations
• Laser-marked case
• 100% surge current test on C, D, E, U, V, X sizes
• Halogen-free epoxy
• Capacitancevaluesof0.1μFto1,000μF
• Tolerances of ±10% and ±20%
• Voltage rating of 2.5 – 50 VDC
• Extended range values
• Lowprofilecasesizes
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof−55˚Cto+125˚C
Overview
The KEMET T494 Series is a lower ESR version of the
popularT491Series,designedspecificallyfortoday’s
highly automated surface mount processes and
equipment.TheT494combinesKEMET’sprovensolid
tantalum technology, acclaimed and respected throughout
the world, with the latest in materials, processes and
automation, resulting in unsurpassed total performance
and value. This product meets or exceeds the requirements
ofEIAstandard535BAAC.Thisseriesisclassifiedas
MSL (Moisture Sensitivity Level) 1 under J STD 020:
unlimitedfloorlifetimeat≤30°C/85%RH.TheT494standard
terminations are available in 100% matte tin and provide
excellent wetting characteristics and compatibility with
today's surface mount solder systems. Tin/lead (Sn/Pb)
terminations are available upon request for any part number.
Gold-plated terminations are also available for use with
conductive epoxy attachment processes. Standard packaging
of these devices is tape and reel in accordance with EIA 481.
This system provides perfect compatibility with all tape-fed
placement units.
Tantalum Surface Mount Capacitors – Low ESR
T494 Series Industrial Grade MnO
2
Applications
Typicalapplicationsincludedecouplingandfilteringinindustrialandautomotiveendapplications,suchasDC/DC
converters, portable electronics, telecommunications, and control units.
Environmental Compliance
RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder, Gold plated or Non-magnetic
100% Sn solder.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - T494B336K016AN7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494B336K010AS KEMET-T494B336K010AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
More results

Similar Description - T494B336K016AN7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045_17 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
logo
Kemet Corporation
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com