Electronic Components Datasheet Search |
|
T494D336K004AM7280 Datasheet(PDF) 5 Page - Kemet Corporation |
|
T494D336K004AM7280 Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 22 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2008_T494 • 10/21/2016 55 Tantalum Surface Mount Capacitors – Low ESR T494 Series Industrial Grade MnO 2 Table 1 – Ratings & Part Number Reference (1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance. (2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates termination finish. Refer to Ordering Information for additional detail. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked with the higher voltage rating. Substitutions can include better than series. Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL VDC at 85ºC µF KEMET/EIA (See below for part options) µA at 20ºC Max/5 Min % at 20ºC 120 Hz Max Ω at 20ºC 100 kHz Max mA at 25ºC 100 kHz mA at 85ºC 100 kHz mA at 125ºC 100 kHz ºC Reflow Temp ≤ 260ºC 2.5 100 T/3528-12 T494T107(1)2R5A(2) 2.5 24.0 3.5 141 127 56 125 1 2.5 220 D/7343-31 T494D227(1)2R5A(2) 5.5 8.0 0.2 866 779 346 125 1 3 33 A/3216-18 T494A336(1)003A(2) 1.0 6.0 2.0 194 175 78 125 1 4 3.3 A/3216-18 T494A335(1)004A(2) 0.5 6.0 4.0 137 123 55 125 1 4 4.7 A/3216-18 T494A475(1)004A(2) 0.5 6.0 3.5 146 131 58 125 1 4 6.8 A/3216-18 T494A685(1)004A(2) 0.5 6.0 3.0 158 142 63 125 1 4 6.8 S/3216-12 T494S685(1)004A(2) 0.5 6.0 7.0 93 84 37 125 1 4 10 B/3528-21 T494B106(1)004A(2) 0.5 6.0 1.2 266 239 106 125 1 4 10 A/3216-18 T494A106(1)004A(2) 0.5 6.0 2.0 194 175 78 125 1 4 10 S/3216-12 T494S106(1)004A(2) 0.5 6.0 9.0 82 74 33 125 1 4 15 B/3528-21 T494B156(1)004A(2) 0.6 6.0 1.2 266 239 106 125 1 4 15 A/3216-18 T494A156(1)004A(2) 0.6 6.0 1.5 224 202 90 125 1 4 15 T/3528-12 T494T156(1)004A(2) 0.6 6.0 2.0 187 168 75 125 1 4 15 S/3216-12 T494S156(M)004A(2) 0.6 10.0 9.0 82 74 33 125 1 4 22 C/6032-28 T494C226(1)004A(2) 0.9 6.0 0.5 469 422 188 125 1 4 22 B/3528-21 T494B226(1)004A(2) 0.9 6.0 0.6 376 338 150 125 1 4 22 A/3216-18 T494A226(1)004A(2) 0.9 6.0 1.5 224 202 90 125 1 4 22 S/3216-12 T494S226(M)004A(2) 0.9 10.0 8.0 87 78 35 125 1 4 22 T/3528-12 T494T226(1)004A(2) 0.9 6.0 2.5 167 150 67 125 1 4 33 C/6032-28 T494C336(1)004A(2) 1.3 6.0 0.5 469 422 188 125 1 4 33 U/6032-15 T494U336(1)004A(2) 1.3 6.0 0.6 387 348 155 125 1 4 33 B/3528-21 T494B336(1)004A(2) 1.3 6.0 0.5 412 371 165 125 1 4 33 A/3216-18 T494A336(1)004A(2) 1.3 6.0 3.0 158 142 63 125 1 4 33 T/3528-12 T494T336(M)004A(2) 1.3 8.0 3.5 141 127 56 125 1 4 47 C/6032-28 T494C476(1)004A(2) 1.9 6.0 0.5 469 422 188 125 1 4 47 U/6032-15 T494U476(1)004A(2) 1.9 6.0 0.6 387 348 155 125 1 4 47 B/3528-21 T494B476(1)004A(2) 1.9 6.0 0.5 412 371 165 125 1 4 47 A/3216-18 T494A476(M)004A(2) 1.9 12.0 2.0 194 175 78 125 1 4 47 T/3528-12 T494T476(M)004A(2) 1.9 12.0 4.0 132 119 53 125 1 4 68 D/7343-31 T494D686(1)004A(2) 2.7 6.0 0.20 866 779 346 125 1 4 68 C/6032-28 T494C686(1)004A(2) 2.7 6.0 0.25 663 597 265 125 1 4 68 U/6032-15 T494U686(1)004A(2) 2.7 6.0 0.60 387 348 155 125 1 4 68 B/3528-21 T494B686(1)004A(2) 2.7 6.0 2.00 206 185 82 125 1 4 68 A/3216-18 T494A686(1)004A(2) 2.7 30.0 3.00 158 142 63 125 1 4 100 D/7343-31 T494D107(1)004A(2) 4.0 8.0 0.20 866 779 346 125 1 4 100 C/6032-28 T494C107(1)004A(2) 4.0 8.0 0.20 742 668 297 125 1 4 100 U/6032-15 T494U107(1)004A(2) 4.0 10.0 1.00 300 270 120 125 1 4 100 B/3528-21 T494B107(M)004A(2) 4.0 8.0 0.65 362 326 145 125 1 4 100 A/3216-18 T494A107(M)004A(2) 4.0 30.0 3.00 158 142 63 125 1 4 100 T/3528-12 T494T107(M)004A(2) 4.0 30.0 4.50 125 113 50 125 1 4 150 D/7343-31 T494D157(1)004A(2) 6.0 8.0 0.15 1000 900 400 125 1 4 150 V/7343-20 T494V157(1)004A(2) 6.0 8.0 0.20 791 712 316 125 1 4 150 C/6032-28 T494C157(1)004A(2) 6.0 8.0 0.30 606 545 242 125 1 4 150 B/3528-21 T494B157(1)004A(2) 6.0 12.0 1.00 292 263 117 125 1 4 220 V/7343-20 T494V227(1)004A(2) 8.8 8.0 0.30 645 581 258 125 1 VDC at 85ºC µF KEMET/EIA (See below for part options) µA at 20ºC Max/5 Min % at 20ºC 120 Hz Max Ω at 20ºC 100 kHz Max mA at 25ºC 100 kHz mA at 85ºC 100 kHz mA at 125ºC 100 kHz ºC Reflow Temp ≤ 260ºC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL |
Similar Part No. - T494D336K004AM7280 |
|
Similar Description - T494D336K004AM7280 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |