Electronic Components Datasheet Search |
|
T494U336M006AM7280 Datasheet(PDF) 1 Page - Kemet Corporation |
|
T494U336M006AM7280 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 22 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2008_T494 • 10/21/2016 1 One world. One KEMET Benefits • Meets or exceeds EIA Standard 535BAAC • Taped and reeled per EIA 481 • Symmetrical, compliant terminations • Optional gold-plated terminations • Laser-marked case • 100% surge current test on C, D, E, U, V, X sizes • Halogen-free epoxy • Capacitancevaluesof0.1μFto1,000μF • Tolerances of ±10% and ±20% • Voltage rating of 2.5 – 50 VDC • Extended range values • Lowprofilecasesizes • RoHS Compliant and lead-free terminations • Operatingtemperaturerangeof−55˚Cto+125˚C Overview The KEMET T494 Series is a lower ESR version of the popularT491Series,designedspecificallyfortoday’s highly automated surface mount processes and equipment.TheT494combinesKEMET’sprovensolid tantalum technology, acclaimed and respected throughout the world, with the latest in materials, processes and automation, resulting in unsurpassed total performance and value. This product meets or exceeds the requirements ofEIAstandard535BAAC.Thisseriesisclassifiedas MSL (Moisture Sensitivity Level) 1 under J STD 020: unlimitedfloorlifetimeat≤30°C/85%RH.TheT494standard terminations are available in 100% matte tin and provide excellent wetting characteristics and compatibility with today's surface mount solder systems. Tin/lead (Sn/Pb) terminations are available upon request for any part number. Gold-plated terminations are also available for use with conductive epoxy attachment processes. Standard packaging of these devices is tape and reel in accordance with EIA 481. This system provides perfect compatibility with all tape-fed placement units. Tantalum Surface Mount Capacitors – Low ESR T494 Series Industrial Grade MnO 2 Applications Typicalapplicationsincludedecouplingandfilteringinindustrialandautomotiveendapplications,suchasDC/DC converters, portable electronics, telecommunications, and control units. Environmental Compliance RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder, Gold plated or Non-magnetic 100% Sn solder. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - T494U336M006AM7280 |
|
Similar Description - T494U336M006AM7280 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |