Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV104 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MV104
Description  Silicon Tuning Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MV104 Datasheet(HTML) 1 Page - ON Semiconductor

  MV104 Datasheet HTML 1Page - ON Semiconductor MV104 Datasheet HTML 2Page - ON Semiconductor MV104 Datasheet HTML 3Page - ON Semiconductor MV104 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Tuning Diode
This device is designed for FM tuning, general frequency control
and tuning, or any top–of–the–line application requiring
back–to–back diode configurations for minimum signal distortion and
detuning.
High Figure of Merit  Q = 140 (Typ) @ V
R = 3.0 Vdc, f = 100
MHz
Guaranteed Capacitance Range
37–42 pF @ VR = 3.0 Vdc (MV104)
Dual Diodes – Save Space and Reduce Cost
Monolithic Chip Provides Near Perfect Matching – Guaranteed ±
1.0% (Max) Over Specified Tuning Range
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
32
Vdc
Forward Current
IF
200
mAdc
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
280
2.8
mW
mW/
°C
Junction Temperature
TJ
+125
°C
Storage Temperature Range
Tstg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 µAdc)
V(BR)R
32
Vdc
Reverse Voltage Leakage Current TA = 25°C
(VR = 30 Vdc)
TA = 60°C
IR
50
500
nAdc
Diode Capacitance Temperature Coefficient
(VR = 4.0 Vdc, f = 1.0 MHz)
TCC
280
ppm/
°C
CT, Diode Capacitance
VR = 3.0 Vdc, f = 1.0 MHz
pF
Q, Figure of Merit
VR = 3.0 Vdc
f = 100 MHz
CR, Capacitance Ratio
C3/C30
f = 1.0 MHz
Device
Min
Max
Min
Typ
Min
Max
MV104
37
42
100
140
2.5
2.8
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
March, 2001 – Rev. 2
1
Publication Order Number:
MV104/D
MV104
DUAL
VOLTAGE VARIABLE
CAPACITANCE DIODE
CASE 29–11, STYLE 15
TO–92 (TO–226AA)
1
2
3
Pin 1
A1
Pin 3
A2
Pin 2
C


Similar Part No. - MV104

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MV1048H104MAA1 AVX-MV1048H104MAA1 Datasheet
106Kb / 2P
   Varistor/Capacitor Combination for EMI/Surge Suppression
MV1048H123MAA1 AVX-MV1048H123MAA1 Datasheet
106Kb / 2P
   Varistor/Capacitor Combination for EMI/Surge Suppression
MV1048H473MAA1 AVX-MV1048H473MAA1 Datasheet
106Kb / 2P
   Varistor/Capacitor Combination for EMI/Surge Suppression
logo
ON Semiconductor
MV104 ONSEMI-MV104_06 Datasheet
99Kb / 3P
   DUAL VOLTAGE VARIABLE CAPACITANCE DIODE
March, 2006 ??Rev. 4
More results

Similar Description - MV104

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com