Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-8EWH06FNTRHM3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-8EWH06FNTRHM3
Description  Hyperfast Rectifier, 8 A FRED Pt
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-8EWH06FNTRHM3 Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-8EWH06FNTRHM3 Datasheet HTML 1Page - Vishay Siliconix VS-8EWH06FNTRHM3 Datasheet HTML 2Page - Vishay Siliconix VS-8EWH06FNTRHM3 Datasheet HTML 3Page - Vishay Siliconix VS-8EWH06FNTRHM3 Datasheet HTML 4Page - Vishay Siliconix VS-8EWH06FNTRHM3 Datasheet HTML 5Page - Vishay Siliconix VS-8EWH06FNTRHM3 Datasheet HTML 6Page - Vishay Siliconix VS-8EWH06FNTRHM3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-8EWH06FNHM3
www.vishay.com
Vishay Semiconductors
Revision: 10-Jul-15
2
Document Number: 94739
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DYNAMIC RECOVERY CHARACTERISTICS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1 A, dIF/dt = 50 A/μs, VR = 30 V
21
ns
IF = 1 A, dIF/dt = 100 A/μs, VR = 30 V
-
18
22
TJ = 25 °C
IF = 8 A
dIF/dt = 200 A/μs
VR = 390 V
-25-
TJ = 125 °C
-
34
-
Peak recovery current
IRRM
TJ = 25 °C
-
3.3
-
A
TJ = 125 °C
-
4.8
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
39
-
nC
TJ = 125 °C
-
90
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage
temperature range
TJ, TStg
-65
-
175
°C
Thermal resistance,
junction to case per leg
RthJC
-1.8
2.2
°C/W
Approximate weight
0.3
g
0.01
oz.
Marking device
Case style TO-252AA (D-PAK)
8EWH06FNH


Similar Part No. - VS-8EWH06FNTRHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8EWH06FNTRHM3 VISHAY-VS-8EWH06FNTRHM3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 11-Apr-18
More results

Similar Description - VS-8EWH06FNTRHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8ETX06SPBF VISHAY-VS-8ETX06SPBF Datasheet
170Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
8ETH06PBF VISHAY-8ETH06PBF_11 Datasheet
185Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8ETH06SPBF VISHAY-8ETH06SPBF_10 Datasheet
178Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETH03PBF VISHAY-8ETH03PBF_11 Datasheet
153Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8STH06FP VISHAY-8STH06FP_10 Datasheet
124Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 19-Aug-10
8ETX06PBF VISHAY-8ETX06PBF_11 Datasheet
187Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8S2TH06FP VISHAY-8S2TH06FP_10 Datasheet
131Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 19-Aug-10
VS-8ETH03SPBF VISHAY-VS-8ETH03SPBF Datasheet
172Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 09-Jul-15
VS-8ETH06HN3 VISHAY-VS-8ETH06HN3 Datasheet
156Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
VS-8EWH06FN-M3 VISHAY-VS-8EWH06FN-M3 Datasheet
161Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 05-Oct-16
VS-8E2TH06-E VISHAY-VS-8E2TH06-E Datasheet
175Kb / 10P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 18-Aug-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com