Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-8TQ080SHM3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-8TQ080SHM3
Description  High Performance Schottky Rectifier, 8 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-8TQ080SHM3 Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-8TQ080SHM3 Datasheet HTML 1Page - Vishay Siliconix VS-8TQ080SHM3 Datasheet HTML 2Page - Vishay Siliconix VS-8TQ080SHM3 Datasheet HTML 3Page - Vishay Siliconix VS-8TQ080SHM3 Datasheet HTML 4Page - Vishay Siliconix VS-8TQ080SHM3 Datasheet HTML 5Page - Vishay Siliconix VS-8TQ080SHM3 Datasheet HTML 6Page - Vishay Siliconix VS-8TQ080SHM3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-8TQ080SHM3, VS-8TQ100SHM3
www.vishay.com
Vishay Semiconductors
Revision: 06-Mar-14
5
Document Number: 94961
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-8TQ080SHM3
50
1000
Antistatic plastic tubes
VS-8TQ080STRRHM3
800
800
13" diameter reel
VS-8TQ080STRLHM3
800
800
13" diameter reel
VS-8TQ100SHM3
50
1000
Antistatic plastic tubes
VS-8TQ100STRRHM3
800
800
13" diameter reel
VS-8TQ100STRLHM3
800
800
13" diameter reel
080 = 80 V
100 = 100 V
2
-
Current rating (8 A)
3
-
Circuit configuration: T = TO-220
4
-
Schottky “Q” series
5
-
Voltage ratings
-
S = D2PAK
6
7
-
None = Tube
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
8
1
Device code
5
1
3
2
4
6
7
8
9
VS-
8
T
Q
100
S
TRL
H
M3
-
Vishay Semiconductors product
-
H = AEC-Q101 qualified
9
-
M3 = Halogen-free, RoHS-compliant and termination lead (Pb)-free
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95046
Part marking information
www.vishay.com/doc?95444
Packaging information
www.vishay.com/doc?95032
SPICE model
www.vishay.com/doc?95291


Similar Part No. - VS-8TQ080SHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8TQ080SHM3 VISHAY-VS-8TQ080SHM3 Datasheet
154Kb / 7P
   High Performance Schottky Rectifier, 8 A
01-Jan-2022
VS-8TQ080SHM3 VISHAY-VS-8TQ080SHM3_V01 Datasheet
154Kb / 7P
   High Performance Schottky Rectifier, 8 A
01-Jan-2022
More results

Similar Description - VS-8TQ080SHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8TQ060-M3 VISHAY-VS-8TQ060-M3 Datasheet
167Kb / 7P
   High Performance Schottky Rectifier, 8 A
Revision: 23-Nov-17
VS-8TQ080SHM3 VISHAY-VS-8TQ080SHM3_V01 Datasheet
154Kb / 7P
   High Performance Schottky Rectifier, 8 A
01-Jan-2022
VS-8TQ080S-M3 VISHAY-VS-8TQ080S-M3_V01 Datasheet
177Kb / 7P
   High Performance Schottky Rectifier, 8 A
01-Jan-2022
VS-8TQ060-M3 VISHAY-VS-8TQ060-M3_V01 Datasheet
175Kb / 7P
   High Performance Schottky Rectifier, 8 A
01-Jan-2022
VS-8TQ080S-M3 VISHAY-VS-8TQ080S-M3 Datasheet
156Kb / 7P
   High Performance Schottky Rectifier, 8 A
Revision: 28-Feb-14
VS-16CTQSPBF VISHAY-VS-16CTQSPBF Datasheet
160Kb / 8P
   High Performance Schottky Rectifier, 2 x 8 A
Revision: 27-Feb-14
VS-16CTQS-M3 VISHAY-VS-16CTQS-M3 Datasheet
200Kb / 8P
   High Performance Schottky Rectifier, 2 x 8 A
Revision: 12-Mar-10
VS-16CTQ060-M3 VISHAY-VS-16CTQ060-M3_V01 Datasheet
172Kb / 7P
   High Performance Schottky Rectifier, 2 x 8 A
01-Jan-2022
VS-16CTQHN3 VISHAY-VS-16CTQHN3 Datasheet
758Kb / 7P
   High Performance Schottky Rectifier, 2 x 8 A
Revision: 05-Mar-14
VS-16CTQHN3 VISHAY-VS-16CTQHN3_V01 Datasheet
750Kb / 7P
   High Performance Schottky Rectifier, 2 x 8 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com