Electronic Components Datasheet Search |
|
C410C472DAG5TA7200 Datasheet(PDF) 11 Page - Kemet Corporation |
|
C410C472DAG5TA7200 Datasheet(HTML) 11 Page - Kemet Corporation |
11 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1040_AXIMAX_C0G • 1/10/2017 11 Axial Leaded Multilayer Ceramic Capacitors Aximax, 400 Series, Conformally Coated, C0G Dielectric, 50 – 200 VDC (Commercial Grade) Table 2 – Performance & Reliability: Test Methods and Conditions Stress Reference Test or Inspection Method Solderability J-STD-002 Magnification50X.Conditions: a)MethodA,at235°C,Category3 Temperature Cycling JESD22 Method JA-104 5cycles(−55°Cto+125°C),measurementat24hours+/−4hoursaftertestconclusion. Biased Humidity MIL-STD-202 Method 103 Loadhumidity,1,000hours85°C/85%RHandratedvoltage.Add100Kohmresistor. Measurementat24hours+/−4hoursaftertestconclusion. Lowvolthumidity,1,000hours85C°/85%RHand1.5V.Add100Kohmresistor. Measurementat24hours+/−4hoursaftertestconclusion. Moisture Resistance MIL-STD-202 Method 106 t=24hours/cycle.Steps7a&7bnotrequired.Unpowered.Measurementat24hours+/−4 hours after test conclusion. Thermal Shock MIL-STD-202 Method 107 −55ºCto+125°C.Note:Numberofcyclesrequired=300.Maximumtransfertime=20 seconds. Dwell time -15 minutes. Air – Air. High Temperature Life MIL-STD-202 Method 108 / EIA -198 1,000hoursat125°C(85°CforZ5U)with1Xratedvoltageapplied. Storage Life MIL-STD-202 Method 108 125°C,0VDCfor1,000hours. Vibration MIL-STD-202 Method 204 5gfor20minutes,12cycleseachof3orientations.Note:Use8"X5"PCB.031"thick7 secure points on one long side and 2 secure points at corners of opposite sides. Parts mounted within 2" from any secure point. Test from 10-2000 Hz. Resistance to Soldering Heat MIL-STD-202 Method 210 ConditionB.Nopreheatofsamples.Note:singlewavesolder–procedure2. Terminal Strength MIL-STD-202 Method 211 Conditions A (454g), Condition C (227g) Mechanical Shock MIL-STD-202 Method 213 Figure 1 of Method 213, Condition C. Resistance to Solvents MIL-STD-202 Method 215 Add aqueous wash chemical – OKEM Clean or equivalent. Storage & Handling The un-mounted storage life of a leaded ceramic capacitor is dependent upon storage and atmospheric conditions as well as packaging materials. While the ceramic chips enveloped under the epoxy coating themselves are quite robust inmostenvironments,solderabilityofthewireleadonthefinalepoxy-coatedproductwillbedegradedbyexposureto high temperatures, high humidity, corrosive atmospheres, and long term storage. In addition, packaging materials will be degraded by high temperature and exposure to direct sunlight–reels may soften or warp, and tape peel force may increase. KEMET recommends storing the un-mounted capacitors in their original packaging, in a location away from direct sunlight, and where the temperature and relative humidity do not exceed 40 degrees centigrade and 70% respectively. For optimum solderability, capacitor stock should be used promptly, preferably within 18 months of receipt. For applications requiring pre-tinningofcomponents,storagelifemaybeextendedifsolderabilityisverified.Beforecleaning,bondingormoldingthese devices, it is important to verify that your process does not affect product quality and performance. KEMET recommends testing and evaluating the performance of a cleaned, bonded or molded product prior to implementing and/or qualifying any of these processes. |
Similar Part No. - C410C472DAG5TA7200 |
|
Similar Description - C410C472DAG5TA7200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |