Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V25PL60-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V25PL60-M3
Description  Trench MOS Schottky technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V25PL60-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  V25PL60-M3 Datasheet HTML 1Page - Vishay Siliconix V25PL60-M3 Datasheet HTML 2Page - Vishay Siliconix V25PL60-M3 Datasheet HTML 3Page - Vishay Siliconix V25PL60-M3 Datasheet HTML 4Page - Vishay Siliconix V25PL60-M3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V25PL60-M3
www.vishay.com
Vishay General Semiconductor
Revision: 15-May-14
2
Document Number: 87705
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: pulse width
≤ 5 ms
Notes
(1) Free air, mounted on recommended copper pad area; thermal resistance RθJA - junction to ambient
(2) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RθJA
(3) Mounted on 30 mm x 30 mm 2 oz. pad PCB; thermal resistance RθJM - junction to mount measured at cathode side
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 5.0 A
TA = 25 °C
VF (1)
0.40
-
V
IF = 12.5 A
0.46
-
IF = 25 A
0.54
0.63
IF = 5.0 A
TA = 125 °C
0.29
-
IF = 12.5 A
0.39
-
IF = 25 A
0.5
0.59
Reverse current
VR = 45 V
TA = 25 °C
IR (2)
0.025
-
mA
TA = 125 °C
17
-
VR = 60 V
TA = 25 °C
-
4
mA
TA = 125 °C
35
100
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V25PL60
UNIT
Typical thermal resistance
RθJA
(1)(2)
68
°C/W
RθJM
(3)
4
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V25PL60-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
V25PL60-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
0
5
10
15
20
25
30
0
25
50
75
100
125
150
Case Temperature (°C) (D = duty cycle = 0.5)
T
M = 100 °C, RthJM = 4 °C/W
T
A = 25 °C, RthJA = 68 °C/W
0
5
10
15
20
0
5
10
15
20
25
30
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8


Similar Part No. - V25PL60-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V25PL60-M3 VISHAY-V25PL60-M3 Datasheet
95Kb / 5P
   High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V25PL60-M3 VISHAY-V25PL60-M3_V01 Datasheet
95Kb / 5P
   High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - V25PL60-M3

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST2060DJF SMC-ST2060DJF Datasheet
149Kb / 4P
   Trench MOS Schottky technology
logo
Vishay Siliconix
V15PL50 VISHAY-V15PL50 Datasheet
756Kb / 5P
   Trench MOS Schottky technology
Revision: 02-Jul-13
logo
Sangdest Microelectroni...
STB30H100C SMC-STB30H100C Datasheet
206Kb / 5P
   Trench MOS Schottky technology
logo
Vishay Siliconix
V10P20 VISHAY-V10P20 Datasheet
90Kb / 5P
   Trench MOS Schottky technology
Revision: 17-Feb-17
logo
Kersemi Electronic Co.,...
MBRF20100CT KERSEMI-MBRF20100CT Datasheet
1Mb / 4P
   Trench MOS Schottky technology
logo
Vishay Siliconix
V8P6-M3 VISHAY-V8P6-M3 Datasheet
103Kb / 5P
   Trench MOS Schottky technology
Revision: 07-Mar-17
V15P6-M3 VISHAY-V15P6-M3 Datasheet
96Kb / 5P
   Trench MOS Schottky technology
Revision: 09-Jan-17
V20PL50-M3 VISHAY-V20PL50-M3 Datasheet
82Kb / 5P
   Trench MOS Schottky technology
Revision: 15-May-14
VSSA3L6S-M3 VISHAY-VSSA3L6S-M3 Datasheet
87Kb / 4P
   Trench MOS Schottky technology
Revision: 05-Nov-13
VSSAF5N50 VISHAY-VSSAF5N50 Datasheet
124Kb / 5P
   Trench MOS Schottky technology
Revision: 24-Jul-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com