Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V30DM120-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V30DM120-M3
Description  Low forward voltage drop, low power losses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V30DM120-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  V30DM120-M3 Datasheet HTML 1Page - Vishay Siliconix V30DM120-M3 Datasheet HTML 2Page - Vishay Siliconix V30DM120-M3 Datasheet HTML 3Page - Vishay Siliconix V30DM120-M3 Datasheet HTML 4Page - Vishay Siliconix V30DM120-M3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
V30DM120-M3, V30DM120HM3
www.vishay.com
Vishay General Semiconductor
Revision: 09-Mar-15
1
Document Number: 87602
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.46 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology generation 2
• Very low profile - typical height of 1.7 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection in commercial, inductrial, and
automotive application.
MECHANICAL DATA
Case: TO-263AC (SMPD)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meets JESD 201 class 2 whisker test
Polarity: As marked
Notes
(1) With infinite heatsink
(2) With recommended pad size, 2 oz FR4 PCB
PRIMARY CHARACTERISTICS
IF(AV)
30 A
VRRM
120 V
IFSM
250 A
VF at IF = 30 A (TA = 125 °C)
0.73 V
TJ max.
175 °C
Package
TO-263AC (SMPD)
Diode variations
Single die
V30DM120
Top View
Bottom View
PIN 1
K
HEATSINK
PIN 2
K
1
2
TMBS
® eSMP® Series
TO-263AC (SMPD)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V30DM120
UNIT
Maximum repetitive peak reverse voltage
VRRM
120
V
Maximum average forward rectified current (fig. 1)
IF(AV) (1)
30
A
IF(AV) (2)
6
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
250
A
Operating junction and storage temperature range
TJ, TSTG
-40 to +175
°C


Similar Part No. - V30DM120-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30DM120-M3/I VISHAY-V30DM120-M3/I Datasheet
124Kb / 5P
   Dual High-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 27-Mar-2020
V30DM120-M3 VISHAY-V30DM120-M3_15 Datasheet
93Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Mar-15
More results

Similar Description - V30DM120-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10P45S-M3 VISHAY-V10P45S-M3 Datasheet
90Kb / 5P
   Low forward voltage drop, low power losses
Revision: 28-Nov-13
V15P8-M3 VISHAY-V15P8-M3 Datasheet
97Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
V30120SG-E3 VISHAY-V30120SG-E3 Datasheet
156Kb / 6P
   Low forward voltage drop, low power losses
Revision: 10-May-16
VSB1045-E3 VISHAY-VSB1045-E3 Datasheet
80Kb / 4P
   Low forward voltage drop, low power losses
Revision: 22-Apr-14
V10PM12 VISHAY-V10PM12 Datasheet
100Kb / 5P
   Low forward voltage drop, low power losses
Revision: 14-Apr-15
V12P8-M3 VISHAY-V12P8-M3 Datasheet
95Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
V20PL60-M3 VISHAY-V20PL60-M3 Datasheet
82Kb / 5P
   Low forward voltage drop, low power losses
Revision: 15-May-14
V12PM12 VISHAY-V12PM12 Datasheet
100Kb / 5P
   Low forward voltage drop, low power losses
Revision: 14-Apr-15
V25PN60 VISHAY-V25PN60 Datasheet
89Kb / 5P
   Low forward voltage drop, low power losses
Revision: 27-Oct-14
V12P6-M3 VISHAY-V12P6-M3 Datasheet
96Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com