Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V30120SG-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # V30120SG-E3
Description  Low forward voltage drop, low power losses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V30120SG-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  V30120SG-E3 Datasheet HTML 1Page - Vishay Siliconix V30120SG-E3 Datasheet HTML 2Page - Vishay Siliconix V30120SG-E3 Datasheet HTML 3Page - Vishay Siliconix V30120SG-E3 Datasheet HTML 4Page - Vishay Siliconix V30120SG-E3 Datasheet HTML 5Page - Vishay Siliconix V30120SG-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
V30120SG-E3, VF30120SG-E3, VB30120SG-E3, VI30120SG-E3
www.vishay.com
Vishay General Semiconductor
Revision: 10-May-16
4
Document Number: 89011
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.415 (10.54)
0.380 (9.65)
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.161 (4.08)
0.139 (3.53)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
ITO-220AB
0.076 (1.93) REF.
45° REF.
PIN
3
2
1
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.057 (1.45)
0.045 (1.14)
0.191 (4.85)
0.171 (4.35)
0.671 (17.04)
0.651 (16.54)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.025 (0.64)
0.015 (0.38)
0.105 (2.67)
0.095 (2.41)
0.057 (1.45)
0.045 (1.14)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)
7° REF.
7° REF.
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.350 (8.89)
0.330 (8.38)


Similar Part No. - V30120SG-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30120SG-E3 VISHAY-V30120SG-E3 Datasheet
216Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
V30120SG-E3-4W VISHAY-V30120SG-E3-4W Datasheet
154Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 14-Jul-10
V30120SG-E3/4W VISHAY-V30120SG-E3/4W Datasheet
168Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.47 V at IF = 5 A
Revision: 19-May-08
V30120SG-E3 VISHAY-V30120SG-E3_V01 Datasheet
216Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
More results

Similar Description - V30120SG-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10P45S-M3 VISHAY-V10P45S-M3 Datasheet
90Kb / 5P
   Low forward voltage drop, low power losses
Revision: 28-Nov-13
V15P8-M3 VISHAY-V15P8-M3 Datasheet
97Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
V30DM120-M3 VISHAY-V30DM120-M3 Datasheet
103Kb / 5P
   Low forward voltage drop, low power losses
Revision: 09-Mar-15
VSB1045-E3 VISHAY-VSB1045-E3 Datasheet
80Kb / 4P
   Low forward voltage drop, low power losses
Revision: 22-Apr-14
V10PM12 VISHAY-V10PM12 Datasheet
100Kb / 5P
   Low forward voltage drop, low power losses
Revision: 14-Apr-15
V12P8-M3 VISHAY-V12P8-M3 Datasheet
95Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
V20PL60-M3 VISHAY-V20PL60-M3 Datasheet
82Kb / 5P
   Low forward voltage drop, low power losses
Revision: 15-May-14
V12PM12 VISHAY-V12PM12 Datasheet
100Kb / 5P
   Low forward voltage drop, low power losses
Revision: 14-Apr-15
V25PN60 VISHAY-V25PN60 Datasheet
89Kb / 5P
   Low forward voltage drop, low power losses
Revision: 27-Oct-14
V12P6-M3 VISHAY-V12P6-M3 Datasheet
96Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com