Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFT3080S-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VFT3080S-M3
Description  Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFT3080S-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  VFT3080S-M3 Datasheet HTML 1Page - Vishay Siliconix VFT3080S-M3 Datasheet HTML 2Page - Vishay Siliconix VFT3080S-M3 Datasheet HTML 3Page - Vishay Siliconix VFT3080S-M3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VFT3080S-M3
www.vishay.com
Vishay General Semiconductor
Revision: 11-Sep-13
2
Document Number: 89263
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Dissipation Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 5 A
TA = 25 °C
VF (1)
0.47
-
V
IF = 15 A
0.61
-
IF = 30 A
0.82
0.95
IF = 5 A
TA = 125 °C
0.39
-
IF = 15 A
0.57
-
IF = 30 A
0.73
0.72
Reverse current
VR = 80 V
TA = 25 °C
IR (2)
70
1000
μA
TA = 125 °C
23
45
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VFT3080S
UNIT
Typical thermal resistance
RJC
5.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ITO-220AB
VFT3080S-M3/4W
1.75
4W
50/tube
Tube
Case Temperature (°C)
35
20
0
0
75
175
25
100
150
5
50
125
10
30
15
Resistive or Inductive Load
V(B,I)T3080S
VFT3080S
25
Mounted on Specific Heatsink
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
Average Forward Current (A)
30
25
0
015
35
520
10
30
5
15
D = t
p/T
t
p
T
20
D = 0.8
10
25


Similar Part No. - VFT3080S-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFT3080S-M3 VISHAY-VFT3080S-M3 Datasheet
128Kb / 4P
   Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VFT3080S-M3-4W VISHAY-VFT3080S-M3-4W Datasheet
79Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Nov-10
VFT3080S-M3 VISHAY-VFT3080S-M3_15 Datasheet
79Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 11-Sep-13
VFT3080S-M3 VISHAY-VFT3080S-M3_V01 Datasheet
128Kb / 4P
   Trench MOS Barrier Schottky Rectifier
01-Jan-2022
More results

Similar Description - VFT3080S-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT3080S-M3 VISHAY-VBT3080S-M3 Datasheet
88Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 14-May-13
VT3080S-E3 VISHAY-VT3080S-E3 Datasheet
157Kb / 6P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 14-Dec-16
VB30100S-M3 VISHAY-VB30100S-M3 Datasheet
88Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 15-May-13
V30100S VISHAY-V30100S Datasheet
168Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 31-Jul-08
VBT2080S-M3 VISHAY-VBT2080S-M3 Datasheet
95Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 14-May-13
VBT1080S-M3 VISHAY-VBT1080S-M3 Datasheet
90Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-May-13
VT760-E3 VISHAY-VT760-E3 Datasheet
141Kb / 6P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 15-Dec-16
VBT2080C-M3 VISHAY-VBT2080C-M3 Datasheet
90Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-May-13
VBT3080C-M3 VISHAY-VBT3080C-M3 Datasheet
89Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 14-May-13
VT2080C-E3 VISHAY-VT2080C-E3 Datasheet
158Kb / 6P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-Dec-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com