Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301260231 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301260231
Description  Watertite Two Button Pendant, Single Speed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1301260231 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301260231_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/13/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301260231
Status:
Active
Overview:
Push-Button Pendant Products
Description:
Watertite® Two Button Pendant, Single Speed
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR32400
General
Product Family
Push Buttons / Testers
Series
130126
Enclosure Rating
N/A
Overview
Push-Button Pendant Products
Product Literature Order No
987650-8071
Product Name
Watertite®
Type
PushButton Pendant Control
UPC
78678875440
Woodhead
Yes
Physical
Cord Diameter
7.92-15.88mm (.312-.625")
Cord Grip Body Size
F2 1/2"
Emergency Stop
No
Material - Body
Nylon
Material - Cord Grip Nut
Non-Metallic
Number of Buttons
2
Packaging Type
Carton
Electrical
Voltage - Maximum
240V
Material Info
Engineering Number
4052
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
RoHS Phthalates
Not Reviewed
Search Parts in this Series
130126 Series
This document was generated on 01/13/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301260231_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301260230 MOLEX11-1301260230 Datasheet
33Kb / 1P
   Super-Safeway Weather-Resistant Push Button Cover, Single Speed, Black
1301260232 MOLEX1-1301260232_17 Datasheet
40Kb / 1P
   Watertite Two Button Pendant, Single Speed, Black
1301260235 MOLEX11-1301260235 Datasheet
47Kb / 1P
   Super-Safeway Two Push Button Pendant Enclosure, 22.00mm (.866) Opening
1301260235 MOLEX1-1301260235_17 Datasheet
36Kb / 1P
   Super-Safeway Two Push Button Pendant Enclosure, 22.00mm (.866
1301260236 MOLEX11-1301260236 Datasheet
36Kb / 1P
   Super-Safeway Three Push Button Pendant Enclosure, 22.00mm (.866) Opening
More results

Similar Description - 1301260231_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130126-0231 MOLEX11-130126-0231 Datasheet
48Kb / 1P
   Watertite Two Button Pendant, Single Speed
1301260232 MOLEX1-1301260232_17 Datasheet
40Kb / 1P
   Watertite Two Button Pendant, Single Speed, Black
1301260243 MOLEX1-1301260243_17 Datasheet
41Kb / 1P
   Watertite Two Button Single Speed Pendant, Mechanically Interlocked
1301260015 MOLEX1-1301260015_17 Datasheet
37Kb / 1P
   Watertite Two Button Pendant Enclosure
130126-0015 MOLEX11-130126-0015 Datasheet
23Kb / 1P
   Watertite Two Button Pendant Enclosure
1301260251 MOLEX1-1301260251_17 Datasheet
41Kb / 1P
   Watertite Four Button Two Speed Pendant, Mechanically Interlocked
1301260015 MOLEX11-1301260015 Datasheet
36Kb / 1P
   Watertite Two Button Pendant Enclosure
1301260260 MOLEX1-1301260260_17 Datasheet
37Kb / 1P
   Watertite Six Button Two Speed Momentary Pendant, Mechanically Interlocked
1301260266 MOLEX1-1301260266_17 Datasheet
40Kb / 1P
   Watertite Eight Button Two Speed Momentary Pendant, Mechanically Interlocked
130126-0028 MOLEX11-130126-0028 Datasheet
36Kb / 1P
   Watertite Two Button Single Speed Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com