Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM7505SC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OM7505SC
Description  DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM7505SC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OM7505SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7505SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7505SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7505SC Datasheet HTML 4Page - List of Unclassifed Manufacturers OM7505SC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3.3 - 125
3.3
OM7500SC
ABSOLUTE MAXIMUM RATINGS (Per Regulator)
Input Voltage ........................ Positive Regulator = 35V, Negative Regulator = - 35V
Operating Junction Temperature Range.................................. -55°C to +150°C
Storage Temperature Range ........................................... -65°C to +150°C
Typical Power/Thermal Characteristics
Rated Power @ 25°C
TC .................................................................... 17.5W
TA ....................................................................... 3W
Thermal Resistance
qJC .................................................................. 4.2°C/W
qJA ................................................................... 42°C/W
Thermal Shutdown, IO = 5mA, VIN @ Voltage ...................................... 175°C
MECHANICAL OUTLINE
NOTES:
• Case is metal/hermetically sealed
• Isolated Tab
.100
TYP.
.140 TYP.
.035
.025
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.550
.530
.270
.240
.045
.035
.092 MAX.
.005


Similar Part No. - OM7505SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7505SC ETC-OM7505SC Datasheet
52Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
More results

Similar Description - OM7505SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7500SC ETC-OM7500SC Datasheet
52Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
   DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7501SM ETC1-OM7501SM Datasheet
32Kb / 5P
   SURFACE MOUNT DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
OM3901SC ETC2-OM3901SC Datasheet
33Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
OM3901SC ETC2-OM3901SC Datasheet
36Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Microsemi Corporation
SG7900 MICROSEMI-SG7900 Datasheet
374Kb / 7P
   negative fixed voltage regulators
logo
M.S. Kennedy Corporatio...
MSK5200-HTU MSK-MSK5200-HTU Datasheet
267Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
MSK5200 ETC1-MSK5200 Datasheet
246Kb / 5P
   DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5200 ANAREN-MSK5200 Datasheet
387Kb / 7P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com