Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-80APS16PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-80APS16PBF
Description  High Voltage, Input Rectifier Diode, 80 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-80APS16PBF Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-80APS16PBF Datasheet HTML 1Page - Vishay Siliconix VS-80APS16PBF Datasheet HTML 2Page - Vishay Siliconix VS-80APS16PBF Datasheet HTML 3Page - Vishay Siliconix VS-80APS16PBF Datasheet HTML 4Page - Vishay Siliconix VS-80APS16PBF Datasheet HTML 5Page - Vishay Siliconix VS-80APS16PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 13-Jun-16
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of
typical requirements that are often placed on Vishay products in generic applications. Such statements are not binding
statements about the suitability of products for a particular application. It is the customer’s responsibility to validate that a
particular product with the properties described in the product specification is suitable for use in a particular application.
Parameters provided in datasheets and / or specifications may vary in different applications and performance may vary over
time. All operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk.
Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for
such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document
or by any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - VS-80APS16PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80APS16-M3 VISHAY-VS-80APS16-M3 Datasheet
174Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
01-Jan-2022
More results

Similar Description - VS-80APS16PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80APSPBF VISHAY-VS-80APSPBF Datasheet
165Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
Revision: 11-Feb-16
VS-80APS16-M3 VISHAY-VS-80APS16-M3 Datasheet
174Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
01-Jan-2022
VS-80APS-M3 VISHAY-VS-80APS-M3 Datasheet
169Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
01-Jan-2022
80EPS16PBF VISHAY-80EPS16PBF Datasheet
169Kb / 6P
   Input Rectifier Diode, 80 A
Revision: 20-Apr-11
VS-80EPS08PBF VISHAY-VS-80EPS08PBF Datasheet
119Kb / 6P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
80EPS08PBF VISHAY-80EPS08PBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
VS-60EPSPBF VISHAY-VS-60EPSPBF Datasheet
158Kb / 7P
   High Voltage Input Rectifier Diode, 60 A
Revision: 12-Feb-16
VS-40EPS16PBF VISHAY-VS-40EPS16PBF Datasheet
186Kb / 7P
   High Voltage, Input Rectifier Diode, 40 A
Revision: 12-Feb-16
VS-45EPS16L-M3 VISHAY-VS-45EPS16L-M3_V01 Datasheet
194Kb / 7P
   High Voltage Input Rectifier Diode, 45 A
01-Jan-2022
VS-45EPS16LHM3 VISHAY-VS-45EPS16LHM3_V01 Datasheet
209Kb / 7P
   High Voltage Input Rectifier Diode, 45 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com