Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-80APS16PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-80APS16PBF
Description  High Voltage, Input Rectifier Diode, 80 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-80APS16PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-80APS16PBF Datasheet HTML 1Page - Vishay Siliconix VS-80APS16PBF Datasheet HTML 2Page - Vishay Siliconix VS-80APS16PBF Datasheet HTML 3Page - Vishay Siliconix VS-80APS16PBF Datasheet HTML 4Page - Vishay Siliconix VS-80APS16PBF Datasheet HTML 5Page - Vishay Siliconix VS-80APS16PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VS-80APS16PbF, VS-80APS16-M3
www.vishay.com
Vishay Semiconductors
Revision: 11-Feb-16
4
Document Number: 93795
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 8 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
10
Steady state value
(DC operation)
Single pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
VS-80APS16
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-80APS16PbF
25
500
Antistatic plastic tubes
VS-80APS16-M3
25
500
Antistatic plastic tubes
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95542
Part marking information
TO-247AC PbF
www.vishay.com/doc?95226
TO-247AC -M3
www.vishay.com/doc?95007
1
-
Current rating (80 = 80 A)
-
Vishay Semiconductors product
5
-
Voltage rating (16 = 1600 V)
6
2
-
Circuit configuration:
A = single diode, 3 pins
3
-
Package:
P = TO-247AC
4
-
Type of silicon:
S = standard recovery rectifier
Device code
5
1
3
2
4
6
7
80
VS-
A
P
S
16
PbF
-
7
Environmental digit:
PbF = lead (Pb)-free and RoHS-compliant
-M3 = halogen-free, RoHS-compliant, and terminations lead (Pb)-free


Similar Part No. - VS-80APS16PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80APS16-M3 VISHAY-VS-80APS16-M3 Datasheet
174Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
01-Jan-2022
More results

Similar Description - VS-80APS16PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80APSPBF VISHAY-VS-80APSPBF Datasheet
165Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
Revision: 11-Feb-16
VS-80APS16-M3 VISHAY-VS-80APS16-M3 Datasheet
174Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
01-Jan-2022
VS-80APS-M3 VISHAY-VS-80APS-M3 Datasheet
169Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
01-Jan-2022
80EPS16PBF VISHAY-80EPS16PBF Datasheet
169Kb / 6P
   Input Rectifier Diode, 80 A
Revision: 20-Apr-11
VS-80EPS08PBF VISHAY-VS-80EPS08PBF Datasheet
119Kb / 6P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
80EPS08PBF VISHAY-80EPS08PBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
VS-60EPSPBF VISHAY-VS-60EPSPBF Datasheet
158Kb / 7P
   High Voltage Input Rectifier Diode, 60 A
Revision: 12-Feb-16
VS-40EPS16PBF VISHAY-VS-40EPS16PBF Datasheet
186Kb / 7P
   High Voltage, Input Rectifier Diode, 40 A
Revision: 12-Feb-16
VS-45EPS16L-M3 VISHAY-VS-45EPS16L-M3_V01 Datasheet
194Kb / 7P
   High Voltage Input Rectifier Diode, 45 A
01-Jan-2022
VS-45EPS16LHM3 VISHAY-VS-45EPS16LHM3_V01 Datasheet
209Kb / 7P
   High Voltage Input Rectifier Diode, 45 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com