Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108TTA035M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 108TTA035M
Description  Filtering ??Bypass ??Coupling ??Blocking
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108TTA035M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  108TTA035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 108TTA035M Datasheet HTML 2Page - Illinois Capacitor, Inc. 108TTA035M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TTA
+85°C, Standard, general
purpose 2000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
0.47
100
474TTA100M
352.737
10
5x13
1
50
105TTA050M
165.786
10
5x13
1
100
105TTA100M
331.573
18
5x13
1
160
105TTA160M
331.573
14
6.3x13
1
350
105TTA350M
331.573
20
6.3x16
1
450
105TTA450M
414.466
19
8x16
2.2
50
225TTA050M
90.4289
23
5x13
2.2
100
225TTA100M
75.3575
27
5x13
2.2
160
225TTA160M
150.715
23
6.3x16
2.2
250
225TTA250M
150.715
30
8x16
2.2
350
225TTA350M
150.715
33
8x16
2.2
450
225TTA450M
188.394
31
10x21
3.3
100
335TTA100M
50.2383
34
5x13
3.3
160
335TTA160M
100.477
33
8x16
3.3
250
335TTA250M
100.477
40
8x16
3.3
450
335TTA450M
125.596
38
8x20
4.7
50
475TTA050M
42.3284
36
5x13
4.7
100
475TTA100M
50.3284
40
5x13
4.7
160
475TTA160M
70.5474
50
8x16
4.7
350
475TTA350M
70.5474
55
8x20
4.7
450
475TTA450M
88.184
50
10x26
10
35
106TTA035M
23.2101
41
5x13
10
50
106TTA050M
19.8944
50
5x13
10
63
106TTA063M
16.579
55
5x13
10
100
106TTA100M
16.579
65
6.3x13
10
160
106TTA160M
33.157
80
8x20
10
250
106TTA250M
33.157
90
10x21
10
350
106TTA350M
33.157
100
13x26
10
450
106TTA450M
41.4466
90
12.5x25
15
50
156TTA050M
13.2629
70
5x13
22
35
226TTA035M
10.55
70
5x13
22
50
226TTA050M
9.0429
85
6.3x13
22
100
226TTA100M
7.536
120
8x16
22
160
226TTA160M
15.072
130
10x26
22
250
226TTA250M
15.072
160
13x26
22
350
226TTA350M
15.072
150
13x31
22
450
226TTA450M
18.8394
160
16x31
22
500
226TTA500AQW 18.8394
115
16x32
33
25
336TTA025M
8.0381
80
5x13
33
50
336TTA050M
6.0286
115
6.3x16
33
100
336TTA100M
5.0238
145
8x16
33
160
336TTA160M
10.048
170
13x26
33
250
336TTA250M
10.048
190
13x31
33
350
336TTA350M
10.048
210
16x31.5
33
450
336TTA450M
12.5596
230
16x41
47
16
476TTA016M
7.0547
90
5x13
47
25
476TTA025M
5.6438
105
6.3x13
47
50
476TTA050M
4.2328
140
6.3x16
47
63
476TTA063M
3.527
165
8x16
47
100
476TTA100M
3.527
190
8x20
47
160
476TTA160M
7.055
225
13x31
47
250
476TTA250M
7.055
255
16x31
47
350
476TTA350M
7.055
290
16x41
47
450
476TTA450MRZ
8.8184
300
18x41
47
500
476TTA500ARZ
8.8184
290
18x40
68
16
686TTA016M
4.8761
150
6.3x16
68
35
686TTA035M
3.4132
200
8x16
68
63
686TTA063M
2.438
250
8x20
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
100
10
107TTA010M
3.9789
130
6.3x13
100
25
107TTA025M
2.6526
170
6.3x13
100
35
107TTA035M
2.231
200
8x16
100
50
107TTA050M
1.9894
220
8x16
100
63
107TTA063M
1.658
260
8x20
100
100
107TTA100M
1.658
310
10x26
100
160
107TTA160M
3.316
400
16x31
100
250
107TTA250M
3.316
450
16x41
100
350
107TTA350M
3.316
460
18x41
100
450
107TTA450M
4.145
370
22x51
150
25
157TTA025M
1.7684
260
8x16
150
35
157TTA035M
1.5473
270
8x20
150
50
157TTA050M
1.3263
285
10x16
150
63
157TTA063M
1.052
310
10x21
150
100
157TTA100M
1.1052
515
13x26
220
16
227TTA016M
1.5071
260
8x16
220
25
227TTA025M
1.2057
280
8x16
220
35
227TTA035M
1.055
340
8x20
220
50
227TTA050M
0.9043
440
10x21
220
63
227TTA063M
0.754
490
10x25
220
100
227TTA100M
0.754
560
13x26
220
160
227TTA160M
1.507
660
22x41
220
250
227TTA250M
1.507
764
22x41
330
16
337TTA016M
1.0048
320
8x16
330
25
337TTA025M
0.8038
385
8x20
330
50
337TTA050M
0.6029
565
10x26
330
63
337TTA063M
0.502
650
13x26
330
100
337TTA100M
0.5024
730
13x31
470
10
477TTA010M
0.8466
350
8x16
470
16
477TTA016M
0.7055
450
8x20
470
25
477TTA025M
0.5644
560
10x21
470
35
477TTA035M
0.4938
640
10x26
470
50
477TTA050M
0.4233
740
13x26
470
63
477TTA063M
0.353
845
13x31
470
100
477TTA100M
0.353
960
16x31
1000
10
108TTA010M
0.3979
570
10x21
1000
16
108TTA016M
0.3316
700
10x26
1000
25
108TTA025M
0.2653
830
13x26
1000
35
108TTA035M
0.2321
980
13x26
1000
50
108TTA050M
0.1989
1130
16x30
1000
63
108TTA063M
0.1658
1330
16x31
1000
80
108TTA080M
0.1658
1500
16x41
1000
100
108TTA100M
0.1658
1640
18x41
1500
25
158TTA025M
0.1989
1150
13x26
1500
35
158TTA035M
0.1768
1280
16x31
1500
50
158TTA050M
0.1547
1480
16x41
2200
10
228TTA010M
0.211
1100
13x26
2200
16
228TTA016M
0.1809
1190
13x31
2200
25
228TTA025M
0.1507
1480
16x31
2200
35
228TTA035M
0.1356
1580
16x31
2200
50
228TTA050M
0.1206
1930
16x41
2200
63
228TTA063M
0.1055
2158
18x40
2200
80
228TTA080M
0.106
2260
22x51
2200
100
228TTA100M
0.1055
2560
25x51
3300
10
338TTA010M
0.131
1435
13x31
3300
16
338TTA016M
0.1306
1610
16x31
3300
25
338TTA025M
0.1105
1700
16x31
3300
35
338TTA035M
0.0904
1810
16x41


Similar Part No. - 108TTA035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
108TTA035M ILLINOISCAPACITOR-108TTA035M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
108TTA035M ILLINOISCAPACITOR-108TTA035M Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
108TTA035M ILLINOISCAPACITOR-108TTA035M Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
108TTA035M ILLINOISCAPACITOR-108TTA035M Datasheet
291Kb / 3P
   Axial lead - High voltage
108TTA035M ILLINOISCAPACITOR-108TTA035M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
More results

Similar Description - 108TTA035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106SML050M ILLINOISCAPACITOR-106SML050M Datasheet
306Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
106RSS016M ILLINOISCAPACITOR-106RSS016M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
107RSS035M ILLINOISCAPACITOR-107RSS035M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
226TTA100M ILLINOISCAPACITOR-226TTA100M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
107AXZ050M ILLINOISCAPACITOR-107AXZ050M Datasheet
240Kb / 2P
   Filtering ??Bypass/ Coupling ??De-Coupling
logo
AVX Corporation
W3F45C2218AT1A AVX-W3F45C2218AT1A Datasheet
273Kb / 10P
   EMI Filtering, Broadband Filtering, LCD Filtering
W2F4 AVX-W2F4 Datasheet
212Kb / 10P
   Feedthru Filters, EMI Filtering, Broadband Filtering, LCD Filtering
logo
Solid States Devices, I...
1N7066FL SSDI-1N7066FL Datasheet
142Kb / 3P
   10 AMP SOLAR ARRAY BYPASS BLOCKING DIODE 100 - 200 VOLTS
logo
KEC(Korea Electronics)
PF0380UDF8 KEC-PF0380UDF8 Datasheet
435Kb / 1P
   EMI Filtering TVS
PF0633UDF8 KEC-PF0633UDF8 Datasheet
436Kb / 1P
   EMI Filtering TVS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com