Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-80APS08-M3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-80APS08-M3
Description  High Voltage, Input Rectifier Diode, 80 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-80APS08-M3 Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-80APS08-M3 Datasheet HTML 1Page - Vishay Siliconix VS-80APS08-M3 Datasheet HTML 2Page - Vishay Siliconix VS-80APS08-M3 Datasheet HTML 3Page - Vishay Siliconix VS-80APS08-M3 Datasheet HTML 4Page - Vishay Siliconix VS-80APS08-M3 Datasheet HTML 5Page - Vishay Siliconix VS-80APS08-M3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 21-Apr-15
1
Document Number: 95542
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TO-247 - 50 mils L/F
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5M-1994
(2) Contour of slot optional
(3) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(4) Thermal pad contour optional with dimensions D1 and E1
(5) Lead finish uncontrolled in L1
(6) Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154")
(7) Outline conforms to JEDEC® outline TO-247 with exception of dimension c and Q
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.65
5.31
0.183
0.209
D2
0.51
1.35
0.020
0.053
A1
2.21
2.59
0.087
0.102
E
15.29
15.87
0.602
0.625
3
A2
1.17
1.37
0.046
0.054
E1
13.46
-
0.53
-
b
0.99
1.40
0.039
0.055
e
5.46 BSC
0.215 BSC
b1
0.99
1.35
0.039
0.053
Ø K
0.254
0.010
b2
1.65
2.39
0.065
0.094
L
14.20
16.10
0.559
0.634
b3
1.65
2.34
0.065
0.092
L1
3.71
4.29
0.146
0.169
b4
2.59
3.43
0.102
0.135
N
7.62 BSC
0.3
b5
2.59
3.38
0.102
0.133
Ø P
3.56
3.66
0.14
0.144
c
0.38
0.89
0.015
0.035
Ø P1
-
7.39
-
0.291
c1
0.38
0.84
0.015
0.033
Q
5.31
5.69
0.209
0.224
D
19.71
20.70
0.776
0.815
3
R
4.52
5.49
0.178
0.216
D1
13.08
-
0.515
-
4
S
5.51 BSC
0.217 BSC
0.10
A
C
M
M
E
N
(2)
(3)
(4)
(4)
(2) R/2
B
2 x R
S
D
See view B
2 x e
b4
3 x b
2 x b2
L
C
(5) L1
1
2
3
Q
D
A
A2
A
A
A1
C
Ø K
B
D
M
M
A
(6) Φ P
(Datum B)
Φ P1
D1 (4)
4
E1
0.01
B
D
M
M
View A - A
Thermal pad
D2
DD E
E
C
C
View B
(b1, b3, b5)
Base metal
c1
(b, b2, b4)
Section C - C, D - D, E - E
(c)
Plating


Similar Part No. - VS-80APS08-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80APS-M3 VISHAY-VS-80APS-M3 Datasheet
169Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
01-Jan-2022
VS-80APS16-M3 VISHAY-VS-80APS16-M3 Datasheet
169Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
Revision: 11-Feb-16
VS-80APS16-M3 VISHAY-VS-80APS16-M3 Datasheet
174Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
01-Jan-2022
VS-80APS16PBF VISHAY-VS-80APS16PBF Datasheet
169Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
Revision: 11-Feb-16
More results

Similar Description - VS-80APS08-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80APS16PBF VISHAY-VS-80APS16PBF Datasheet
169Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
Revision: 11-Feb-16
VS-80APS16-M3 VISHAY-VS-80APS16-M3 Datasheet
174Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
01-Jan-2022
VS-80APS-M3 VISHAY-VS-80APS-M3 Datasheet
169Kb / 6P
   High Voltage, Input Rectifier Diode, 80 A
01-Jan-2022
80EPS16PBF VISHAY-80EPS16PBF Datasheet
169Kb / 6P
   Input Rectifier Diode, 80 A
Revision: 20-Apr-11
VS-80EPS08PBF VISHAY-VS-80EPS08PBF Datasheet
119Kb / 6P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
80EPS08PBF VISHAY-80EPS08PBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
VS-60EPSPBF VISHAY-VS-60EPSPBF Datasheet
158Kb / 7P
   High Voltage Input Rectifier Diode, 60 A
Revision: 12-Feb-16
VS-40EPS16PBF VISHAY-VS-40EPS16PBF Datasheet
186Kb / 7P
   High Voltage, Input Rectifier Diode, 40 A
Revision: 12-Feb-16
VS-45EPS16L-M3 VISHAY-VS-45EPS16L-M3_V01 Datasheet
194Kb / 7P
   High Voltage Input Rectifier Diode, 45 A
01-Jan-2022
VS-45EPS16LHM3 VISHAY-VS-45EPS16LHM3_V01 Datasheet
209Kb / 7P
   High Voltage Input Rectifier Diode, 45 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com