Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF162-JR-07XXRXL Datasheet(PDF) 6 Page - YAGEO Corporation

Part # AF162-JR-07XXRXL
Description  ANTI-SULFURATED CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF162-JR-07XXRXL Datasheet(HTML) 6 Page - YAGEO Corporation

  AF162-JR-07XXRXL Datasheet HTML 1Page - YAGEO Corporation AF162-JR-07XXRXL Datasheet HTML 2Page - YAGEO Corporation AF162-JR-07XXRXL Datasheet HTML 3Page - YAGEO Corporation AF162-JR-07XXRXL Datasheet HTML 4Page - YAGEO Corporation AF162-JR-07XXRXL Datasheet HTML 5Page - YAGEO Corporation AF162-JR-07XXRXL Datasheet HTML 6Page - YAGEO Corporation AF162-JR-07XXRXL Datasheet HTML 7Page - YAGEO Corporation AF162-JR-07XXRXL Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SERIES
AF
122/124/162/164 (RoHS Compliant)
Chip Resistor Surface Mount
Product specification
6
8
www.yageo.com
Jun. 28, 2016 V.4
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Life/
Endurance
MIL-STD-202-method 108
IEC 60115-1 4.25
1,000 hours at 70± 2 °C applied RCWV
1.5 hours on, 0.5 hour off, still air required
± (2%+0.05 Ω )
<100 mΩ for Jumper
High Temperature
Exposure
MIL-STD-202-method 108
1,000 hours at maximum operating
temperature depending on specification,
unpowered
Tolerances: 155± 3 °C
± (1%+0.05 Ω)
<50 mΩ for Jumper
Moisture
Resistance
MIL-STD-202-method 106
Each temperature / humidity cycle is defined at
8 hours (method 106G), 3 cycles / 24 hours
for 10d with 25 °C / 65 °C 95% R.H, without
steps 7a & 7b, unpowered
Parts mounted on test-boards, without
condensation on parts
Measurement at 24± 2 hours after
test conclusion
± (2%+0.05 Ω)
<100 mΩ for Jumper
Thermal Shock
MIL-STD-202-method 107
-55/+125 °C
Note: Number of cycles required is 300.
Devices mounted
Maximum transfer time is 20 seconds. Dwell
time is 15 minutes. Air – Air
± (1%+0.05 Ω)
<50 mΩ for Jumper
Short Time
Overload
IEC60115-1 4.13
2.5 times RCWV or maximum overload
voltage whichever is less for 5 sec at room
temperature
± (2%+0.05 Ω)
<50 mΩ for Jumper
No visible damage
Board Flex/
Bending
IEC60115-1 4.33
Device mounted on PCB test board as
described, only 1 board bending required
3 mm bending
Bending time: 60± 5 seconds
Ohmic value checked during bending
± (1%+0.05 Ω)
<50 mΩ for Jumper
No visible damage
Table 4 Test condition, procedure and requirements


Similar Part No. - AF162-JR-07XXRXL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF162-JR-070RL YAGEO-AF162-JR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF162-JR-07100RL YAGEO-AF162-JR-07100RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF162-JR-07100RL YAGEO-AF162-JR-07100RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF162-JR-0710RL YAGEO-AF162-JR-0710RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF162-JR-0710RL YAGEO-AF162-JR-0710RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
More results

Similar Description - AF162-JR-07XXRXL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com