Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-EBU15006-F4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-EBU15006-F4
Description  FRED Pt® Ultrafast Soft Recovery Diode, 150 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-EBU15006-F4 Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-EBU15006-F4 Datasheet HTML 1Page - Vishay Siliconix VS-EBU15006-F4 Datasheet HTML 2Page - Vishay Siliconix VS-EBU15006-F4 Datasheet HTML 3Page - Vishay Siliconix VS-EBU15006-F4 Datasheet HTML 4Page - Vishay Siliconix VS-EBU15006-F4 Datasheet HTML 5Page - Vishay Siliconix VS-EBU15006-F4 Datasheet HTML 6Page - Vishay Siliconix VS-EBU15006-F4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-EBU15006-F4
www.vishay.com
Vishay Semiconductors
Revision: 16-Jun-15
3
Document Number: 94907
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
VFM - Forward Voltage Drop (V)
0.0
0.5
1.0
1.5
2.0
1
10
100
1000
T
J = 25 °C
T
J = 125 °C
T
J = 175 °C
VR - Reverse Voltage (V)
0
100
200
300
400
500
600
0.0001
0.001
0.01
0.1
1
10
100
1000
175 °C
25 °C
150 °C
125 °C
VR - Reverse Voltage (V)
0
100
200
300
400
500
600
1
10
100
t1 - Rectangular Pulse Duration (s)
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
0.01
0.1
1
Single Pulse
(Thermal Resistance)
D = 0.05
D = 0.02
D = 0.01
D = 0.1
D = 0.2
D = 0.5


Similar Part No. - VS-EBU15006-F4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-EBU15006-F4 VISHAY-VS-EBU15006-F4_V01 Datasheet
146Kb / 6P
   Hyperfast Rectifier, 1 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-EBU15006-F4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-150EBU02 VISHAY-VS-150EBU02 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 15-Jun-11
VS-150EBU02HF4 VISHAY-VS-150EBU02HF4 Datasheet
154Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 16-Jun-15
VS-150EBU04HF4 VISHAY-VS-150EBU04HF4 Datasheet
138Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 16-Jun-15
VS-150EBU04 VISHAY-VS-150EBU04 Datasheet
133Kb / 8P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt
Revision: 16-Jun-11
150EBU02 VISHAY-150EBU02_11 Datasheet
134Kb / 8P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 15-Jun-11
150EBU04 VISHAY-150EBU04_11 Datasheet
134Kb / 8P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt
Revision: 16-Jun-11
VS-80EBU02 VISHAY-VS-80EBU02 Datasheet
137Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt®
Revision: 15-Jun-11
VS-60EPU04HN3 VISHAY-VS-60EPU04HN3 Datasheet
199Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 10-Jul-15
VS-60EPU06HN3 VISHAY-VS-60EPU06HN3 Datasheet
194Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 09-Jul-15
60EPU02PBF VISHAY-60EPU02PBF_12 Datasheet
207Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com