Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M6316JGFLN Datasheet(PDF) 1 Page - MTRONPTI

Part # M6316JGFLN
Description  5x7 mm, 1.8/2.5/3.3 V, LVPECL/LVDS/CML/CMOS, TCXO/TCVCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M6316JGFLN Datasheet(HTML) 1 Page - MTRONPTI

  M6316JGFLN Datasheet HTML 1Page - MTRONPTI M6316JGFLN Datasheet HTML 2Page - MTRONPTI M6316JGFLN Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
M630x Series
5x7 mm, 1.8/2.5/3.3 V, LVPECL/LVDS/CML/CMOS, TCXO/TCVCXO
Features:
Superior Jitter Performance
(comparable to SAW based)
Frequencies from 50 MHz to 1.4 GHz
Designed for a short 2 week cycle time
Applications:
Telecommunications such as SONET /
SDH / DWDM / FEC / SERDES / OC-3
thru OC-192
Wireless base stations / WLAN /
Gigabit Ethernet
Avionicflightcontrolsandmilitary
communications
Rev: 10/14/2013
Ordering Information
M6300
2
J
B
V
P
N
00.0000 MHz
Product Series
M6300 = 3.3 V
M6301 = 2.5 V
M6302 = 1.8 V
Temperature Range
1: 0 °C to +70 °C
3: -55 °C to +105 °C
6: -20 °C to +70 °C
4: -55 °C to +125 °C
2: -40 °C to +85 °C
Stability
G: ±0.5 ppm
J: ±1.0 ppm
K: ±2.0 ppm
H: ±2.5 ppm
L: ±4.6 ppm
E: ±10 ppm
Enable/Disable Function
B: Enable High (Pad 1) G: Enable High (Pad 2)
S: Enable Low (Pad 1)
M: Enable Low (Pad 2)
U: No Enable/Disable Function
Output Type
F: No Voltage Control (TCXO)
V: Voltage Control (TCVCXO)
Output Waveform
P: LVPECL
L: LVDS
M: CML
C: CMOS
Package/Lead Configurations
N: Leadless Ceramic (9 Pad)
C: Leadless Ceramic (6 Pad)
Frequency (customer specified)
M6300Sxxx, M6301Sxxx & M6302Sxxx - Custom datasheets.
Temperature vs. Stability
PIN 1 ENABLE
Pad 1: Enable/Disable
Pad 2: N/C
Pad 3: GND
Pad 4: Output Q (LVPECL, LVDS, CML, CMOS)
Pad 5: Output Q
¯ (LVPECL, LVDS, CML)
Pad 6: V
CC
±0.5 ppm ±1.0 ppm ±2.0 ppm ±2.5 ppm ±4.6 ppm
0 °C to +70 °C
A
A
A
A
A
-20 °C to +70 °C
N
A
A
A
A
-40 °C to +85 °C
N
A
A
A
A
-55 °C to +105 °C
N
N
N
N
A
-55 °C to +125 °C
N
N
N
N
A
A = Available
N = Contact Factory
PIN 2 ENABLE
Pad 1: N/C, V Control
Pad 2: Enable/Disable
Pad 3: GND
Pad 4: Output Q (LVPECL, LVDS, CML, CMOS)
Pad 5: Output Q
¯ (LVPECL, LVDS, CML)
Pad 6: V
CC


Similar Part No. - M6316JGFLN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M63160J RENESAS-M63160J Datasheet
120Kb / 18P
   STEPPING MOTOR DRIVER
More results

Similar Description - M6316JGFLN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M310X MTRONPTI-M310X_08 Datasheet
755Kb / 7P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
M210X MTRONPTI-M210X Datasheet
347Kb / 2P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M31X MTRONPTI-M31X Datasheet
373Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M210X MTRONPTI-M210X_07 Datasheet
367Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M21X MTRONPTI-M21X Datasheet
380Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M210X MTRONPTI-M210X_08 Datasheet
761Kb / 7P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M310X MTRONPTI-M310X Datasheet
338Kb / 2P
   5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M310X_0611 MTRONPTI-M310X_0611 Datasheet
357Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M31 MTRONPTI-M31_08 Datasheet
878Kb / 7P
   Multiple Frequency VCXO 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M320X MTRONPTI-M320X_08 Datasheet
698Kb / 7P
   9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com