Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 10ETF
Description  This product series has been designed and qualified for industrial level
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10ETF Datasheet(HTML) 4 Page - Vishay Siliconix

  10ETF Datasheet HTML 1Page - Vishay Siliconix 10ETF Datasheet HTML 2Page - Vishay Siliconix 10ETF Datasheet HTML 3Page - Vishay Siliconix 10ETF Datasheet HTML 4Page - Vishay Siliconix 10ETF Datasheet HTML 5Page - Vishay Siliconix 10ETF Datasheet HTML 6Page - Vishay Siliconix 10ETF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93132
4
Revision: 04-Jun-08
10ETF.. Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 10 A
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Recovery Time Characteristics, TJ = 25 °C
Fig. 9 - Recovery Time Characteristics, TJ = 150 °C
Fig. 10 - Recovery Charge Characteristics, TJ = 25 °C
Fig. 11 - Recovery Charge Characteristics, TJ = 150 °C
Fig. 12 - Recovery Current Characteristics, TJ = 25 °C
100
10
1
0.5
1.0
1.5
2.0
2.5
3.0
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 25 °C
10ETF.. Series
0.20
0.15
0
0
40
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
10ETF.. Series
T
J = 25 °C
0.05
0.10
I
FM = 20 A
I
FM = 1 A
I
FM = 10 A
I
FM = 5 A
I
FM = 2 A
0.4
0.3
0
0
40
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
10ETF.. Series
T
J = 150 °C
0.1
0.2
I
FM = 20 A
I
FM = 1 A
I
FM = 10 A
I
FM = 5 A
I
FM = 2 A
1.4
0.6
0
0
40
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
10ETF.. Series
T
J = 25 °C
0.2
0.4
1.0
0.8
1.2
I
FM = 20 A
I
FM = 1 A
I
FM = 10 A
I
FM = 5 A
I
FM = 2 A
2.5
1.5
0
0
40
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
10ETF.. Series
T
J = 150 °C
0.5
1.0
2.0
I
FM = 20 A
I
FM = 1 A
I
FM = 10 A
I
FM = 5 A
I
FM = 2 A
15
9
0
0
40
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
10ETF.. Series
T
J = 25 °C
3
6
12
I
FM = 20 A
I
FM = 1 A
I
FM = 10 A
I
FM = 5 A
I
FM = 2 A


Similar Part No. - 10ETF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETF IRF-10ETF Datasheet
132Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF02 IRF-10ETF02 Datasheet
217Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
10ETF02 VISHAY-10ETF02 Datasheet
831Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 17-Apr-08
logo
Inchange Semiconductor ...
10ETF02 ISC-10ETF02 Datasheet
274Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF02F ISC-10ETF02F Datasheet
277Kb / 2P
   Fast Soft Recovery Rectifier Diode
More results

Similar Description - 10ETF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10ETSS VISHAY-10ETSS Datasheet
112Kb / 6P
   This product series has been designed and qualified for industrial level
Revision: 26-Aug-08
VS-HFA180NH40PBF VISHAY-VS-HFA180NH40PBF Datasheet
151Kb / 7P
   Designed and qualified for industrial level
Revision: 19-Mar-15
12TQ VISHAY-12TQ Datasheet
101Kb / 6P
   Designed and qualified for industrial level
Revision: 25-Jun-08
VS-VSUD360CW40 VISHAY-VS-VSUD360CW40 Datasheet
154Kb / 6P
   Designed and qualified for industrial level
Revision: 03-Nov-16
logo
Nell Semiconductor Co.,...
NKFD200 NELLSEMI-NKFD200 Datasheet
425Kb / 7P
   Designed and qualified for industrial level
logo
STMicroelectronics
AN4118 STMICROELECTRONICS-AN4118 Datasheet
1Mb / 13P
   This document describes APWLink which has been designed
logo
Vishay Siliconix
VS-95SQ015TR VISHAY-VS-95SQ015TR Datasheet
140Kb / 7P
   Designed and qualified for commercial level
Revision: 09-Sep-11
logo
PHOENIX CONTACT
REL-KSR-G24 PHOENIX-REL-KSR-G24 Datasheet
103Kb / 3P
   This product has been replaced by a newer version.
logo
JMK Inc.
0916 JMK-0916 Datasheet
45Kb / 1P
   This series of filters has been designed to meet tempest and other requirements
logo
PHOENIX CONTACT
ELR1 PHOENIX-ELR1 Datasheet
136Kb / 4P
   This product has been replaced by a newer version.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com