Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJ11B-MBSCB-A-B-ELT2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ARJ11B-MBSCB-A-B-ELT2
Description  RJ45 10/100 Base-T Jack with Magnetic Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ11B-MBSCB-A-B-ELT2 Datasheet(HTML) 2 Page - Abracon Corporation

  ARJ11B-MBSCB-A-B-ELT2 Datasheet HTML 1Page - Abracon Corporation ARJ11B-MBSCB-A-B-ELT2 Datasheet HTML 2Page - Abracon Corporation ARJ11B-MBSCB-A-B-ELT2 Datasheet HTML 3Page - Abracon Corporation ARJ11B-MBSCB-A-B-ELT2 Datasheet HTML 4Page - Abracon Corporation ARJ11B-MBSCB-A-B-ELT2 Datasheet HTML 5Page - Abracon Corporation ARJ11B-MBSCB-A-B-ELT2 Datasheet HTML 6Page - Abracon Corporation ARJ11B-MBSCB-A-B-ELT2 Datasheet HTML 7Page - Abracon Corporation ARJ11B-MBSCB-A-B-ELT2 Datasheet HTML 8Page - Abracon Corporation ARJ11B-MBSCB-A-B-ELT2 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RJ45 10/100 Base-T Jack with Magnetic Module
| | | | ||| | | | | | | | |
ARJ11B
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 |fax 949-546-8001 | www.abracon.com
Revised: 04.21.11
Visit www.abracon.com for Terms & Conditions of Sale
16.26 x 13.84 x 21.59mm
RoHS
Compliant
STANDARD SPECIFICATIONS: 25oC (contd)
Part Number
Return Loss (dBmin @ 100Ω±15Ω)
Crosstalk
(dB min)
Common Mode
Rejection (dB min)
Hipot
(Vrms)
1- 30
MHz
40
MHz
50
MHz
60-80
MHz
30
MHz
60
MHz
100
MHz
30
MHz
60
MHz
100
MHz
ARJ11B-MASAA-MU2
to
ARJ11B-MASAI-MU2
-18
-16
-14
-12
-45
-40
-35
-35
-30
-25
1500
ARJ11B-MASAJ-MU2
to
ARJ11B-MASAM-MU2
-18
-16
-14
-12
-45
-40
-35
-35
-30
-25
1500
ARJ11B-MASAN-LU2
to
ARJ11B-MASBF-LU2
-18
-16
-14
-12
-45
-40
-35
-35
-30
-25
1500
ARJ11B-MESCB-A-B-ELT2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MASCB-LT2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MBSCB-A-B-ELT2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MDSBQ-MU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MESBQ-A-B-EMU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MASBQ-MU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MBSBQ-A-B-EMU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MFSBQ-A-A-EMU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MASAJ-MU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MASBR-QU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MFSBR-A-A-EQU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MDSAO-LU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MESAO-A-B-ELU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MESAO-A-A-ELU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MASAO-LU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MBSAO-A-B-ELU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MFSAO-A-A-ELU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MFSAO-BA-A-GLU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MBSAP-A-B-ELU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MASAC-MU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MASAD-OW2
--
--
--
--
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MBSAI-A-B-EMU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MASCC-MU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
ARJ11B-MESBW-B-A-EMU2
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
Contact Abracon for more custom configurations. See options to build a custom configuration.
ARJ11B -
- - -
Mechanical
Schematic
Left LED color
Right LED
color
LED
polarity
Turns Ratio
(Tx)
Turns Ratio
(Rx)
Gold
plating
(e.g. B for
Yellow,
(e.g. B for
Yellow,
AB for Green-
Yellow)
AB for Green-
Yellow)
MA ~ MF
(Please see
mechanical
section)
SAA ~ SCC
(Please see
schematic
section)
Blank: No LED
Blank: No LED
Blank: No
LED
K: 1CT:1.41
S: 1CT:1.41
1: 3u “
A: Green
A: Green
E ~ J
(Please see
7.0 LED
polarity
section)
L: 1CT:1
T: 1CT:1
2: 6u “
B: Yellow
B: Yellow
M: 1CT:1CT
U: 1CT:1CT
3: 15u “
C: Amber
C: Amber
N: 1.414:1CT
V: 1.414:1CT
4: 30u “
D: Orange
D: Orange
O: 1CT:1.41CT
W:1CT:1.41CT
5: 50u “
P: 1:2CT
X: 1:2CT
Q: 1:1.414CT
Y: 1:1.414CT
R: 1CT:2.5
Z: 1CT:2.5
OPTIONS & PART IDENTIFICATION:


Similar Part No. - ARJ11B-MBSCB-A-B-ELT2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ11B-MBSCB-A-B-ELT2 ABRACON-ARJ11B-MBSCB-A-B-ELT2 Datasheet
15Mb / 11P
   10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11B-MBSCB-A-B-ELT2 ABRACON-ARJ11B-MBSCB-A-B-ELT2 Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
More results

Similar Description - ARJ11B-MBSCB-A-B-ELT2

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
N5447F MPSIND-N5447F Datasheet
1Mb / 4P
   RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5415 MPSIND-N5415 Datasheet
216Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
N5414 MPSIND-N5414 Datasheet
197Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
logo
Abracon Corporation
ARJ11B-MBSBQ-A ABRACON-ARJ11B-MBSBQ-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11G-MASA-A ABRACON-ARJ11G-MASA-A Datasheet
2Mb / 3P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.22.13
ARJ11C-MASAB-B ABRACON-ARJ11C-MASAB-B Datasheet
5Mb / 8P
   RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11C-MBSAT-A ABRACON-ARJ11C-MBSAT-A Datasheet
5Mb / 8P
   RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11G ABRACON-ARJ11G Datasheet
2Mb / 3P
   10/100 Base-T Jack with Magnetic Module
04.22.13
ARJ11B ABRACON-ARJ11B Datasheet
15Mb / 11P
   10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11D ABRACON-ARJ11D Datasheet
6Mb / 5P
   10/100 Base-T Jack with Magnetic Module
05.03.11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com