Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJ21A-MCSA-LU2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ARJ21A-MCSA-LU2
Description  RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ21A-MCSA-LU2 Datasheet(HTML) 1 Page - Abracon Corporation

  ARJ21A-MCSA-LU2 Datasheet HTML 1Page - Abracon Corporation ARJ21A-MCSA-LU2 Datasheet HTML 2Page - Abracon Corporation ARJ21A-MCSA-LU2 Datasheet HTML 3Page - Abracon Corporation ARJ21A-MCSA-LU2 Datasheet HTML 4Page - Abracon Corporation ARJ21A-MCSA-LU2 Datasheet HTML 5Page - Abracon Corporation ARJ21A-MCSA-LU2 Datasheet HTML 6Page - Abracon Corporation ARJ21A-MCSA-LU2 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
• 10, 100 and1000 Base-T LAN
• NIC, LoM and PC
• Upper tab up, lower tab down
• Available with or without LED
• Suitable CAT 5 & 6 cable and UTP
• Comply IEEE 802.3ab
• LAN Magnetic with RJ45 Jack
• Suitable for RoHS compliant reflow
APPLICATIONS:
FEATURES:
Operating temperature range: 0ºC to +70ºC Storage temperature range: -40ºC to+85ºC (after unpacked from the tray)
RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
||| | | | | | | | | | | | |
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 04.22.13
Visit www.abracon.com for Terms & Conditions of Sale
RoHS
Compliant
STANDARD SPECIFICATIONS
ARJ21A
OPTIONS AND PART IDENTIFICATION
17.27 x 28.40 x 25.30 mm
Part Number
Turns
Ratio ± 5%
EMI
Fingers
LEDs
Insertion Loss
(dB Max)
Return Loss
(dB Min @100Ω±15%)
TX
RX
L/R
1 - 80 MHz
100 MHz
1- 60 MHz
60 - 100 MHz
ARJ21A-MCSA-LU2
1CT:1
1CT:1CT
Yes
No
-1.0
-1.2
-16
-12
ARJ21A-MCSB-MU2
1CT:1CT
1CT:1CT
Yes
No
-1.0
-1.2
-14
-10
ARJ21A-MCSC-MU2
1CT:1CT
1CT:1CT
Yes
No
-1.0
-1.2
-14
-10
ARJ21A-MCSD-MU2
1CT:1CT
1CT:1CT
Yes
No
-1.0
-1.2
-14
-10
ARJ21A-MBSD-A-B-EMU2
1CT:1CT
1CT:1CT
No
G/Y
-1.0
-1.2
-14
-10
Part Number
Crosstalk
(dB TYP)
Common Mode
Rejection (dB TYP)
Hipot
(Vrms)
1 - 100 MHz
1 - 100 MHz
@ 60 Hz
ARJ21A-MCSA-LT2
-35
-30
1500
ARJ21A-MCSB-MU2
-35
-30
1500
ARJ21A-MCSC-MU2
-35
-30
1500
ARJ21A-MCSD-MU2
-35
-30
1500
ARJ21A-MBSD-A-B-EMU2
-35
-30
1500
Contact Abracon for more custom configurations. See options to build a custom configuration.
ARJ21A -
- - -
Mechanical
Schematic
Left LED color
Right LED
color
LED
polarity
Turns Ratio
(Tx)
Turns Ratio
(Rx)
Gold
plating
(e.g. B for
Yellow,
(e.g. B for
Yellow,
AB for Green-
Yellow)
AB for Green-
Yellow)
MA ~ MD
(Please see
mechanical
section)
SA ~ SQ
(Please see
schematic
section)
Blank: No LED
Blank: No LED
Blank: No
LED
K: 1CT:1.41
S: 1CT:1.41
2: 6u “
A: Green
A: Green
E (Please
see 7.0
LED
polarity
section)
L: 1CT:1
T: 1CT:1
3: 15u “
B: Yellow
B: Yellow
M: 1CT:1CT
U: 1CT:1CT
4: 30u “
C: Amber
C: Amber
N: 1.414:1CT
V: 1.414:1CT
5: 50u “
D: Orange
D: Orange
O: 1CT:1.41CT
W:1CT:1.41CT
P: 1:2CT
X: 1:2CT
Q: 1:1.414CT
Y: 1:1.414CT
R: 1CT:2.5
Z: 1CT:2.5


Similar Part No. - ARJ21A-MCSA-LU2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ21A-MCSA-LU2 ABRACON-ARJ21A-MCSA-LU2 Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
More results

Similar Description - ARJ21A-MCSA-LU2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ21A ABRACON-ARJ21A Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
logo
Premier Magnetics, Inc.
RJ7-1201ND2 PMI-RJ7-1201ND2 Datasheet
907Kb / 4P
   RJ45 10/100/1000 Base-TX 2x1 Jack With Magnetics Module
logo
Abracon Corporation
ARJ14A ABRACON-ARJ14A Datasheet
6Mb / 12P
   RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
01.26.16
ARJ14A-MESC-MU2 ABRACON-ARJ14A-MESC-MU2 Datasheet
6Mb / 12P
   RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
01.26.16
ARJ12A-MASD-A ABRACON-ARJ12A-MASD-A Datasheet
13Mb / 7P
   RJ45 10/100/1000 Base-TX Tab down 1x2 Jack with Magnetic Module
06.09.14
ARJP11A ABRACON-ARJP11A Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJP11A-MBSB-A ABRACON-ARJP11A-MBSB-A Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJ14A-MFSB ABRACON-ARJ14A-MFSB Datasheet
6Mb / 12P
   RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
01.26.16
ARJP11B ABRACON-ARJP11B Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJ11C-MASAB-B ABRACON-ARJ11C-MASAB-B Datasheet
5Mb / 8P
   RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com