Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-80SQ040-M3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-80SQ040-M3
Description  Schottky Rectifier, 8 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-80SQ040-M3 Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-80SQ040-M3 Datasheet HTML 1Page - Vishay Siliconix VS-80SQ040-M3 Datasheet HTML 2Page - Vishay Siliconix VS-80SQ040-M3 Datasheet HTML 3Page - Vishay Siliconix VS-80SQ040-M3 Datasheet HTML 4Page - Vishay Siliconix VS-80SQ040-M3 Datasheet HTML 5Page - Vishay Siliconix VS-80SQ040-M3 Datasheet HTML 6Page - Vishay Siliconix VS-80SQ040-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-80SQ... Series, VS-80SQ...-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 19-Sep-11
3
Document Number: 93398
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJL Characteristics
VFM - Forward Voltage Drop (V)
0
0.2
0.4
0.7
0.1
0.3
0.5
0.8
0.6
0.9
0.1
1
100
10
93398_01
T
J = 175 °C
T
J = 125 °C
T
J = 25 °C
1.0 1.1
VR - Reverse Voltage (V)
0
5
10
15
30
25
40
35
20
45
0.001
0.01
0.1
1
10
100
1000
93398_02
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
T
J = 175 °C
VR - Reverse Voltage (V)
010
20
40
30
50
100
1000
93398_03
T
J = 25 °C
= 1/8 inch
Single pulse
(thermal resistance)
P
DM
t
2
t
1
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
D = 0.01
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
t1 - Rectangular Pulse Duration (s)
93398_04


Similar Part No. - VS-80SQ040-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
VS-80SQ040 IRF-VS-80SQ040 Datasheet
55Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - VS-80SQ040-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8TQ060PBF VISHAY-8TQ060PBF_12 Datasheet
177Kb / 7P
   Schottky Rectifier, 8 A
Revision: 29-Aug-11
8TQ080GPBF VISHAY-8TQ080GPBF Datasheet
167Kb / 7P
   Schottky Rectifier, 8 A
Revision: 11-Oct-11
8TQ100GSPBF VISHAY-8TQ100GSPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 17-Apr-08
8TQ100S VISHAY-8TQ100S Datasheet
107Kb / 6P
   Schottky Rectifier, 8 A
Revision: 19-Aug-08
8TQ100GPBF VISHAY-8TQ100GPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 8 A
Revision: 17-Apr-08
80SQ030 VISHAY-80SQ030 Datasheet
106Kb / 6P
   Schottky Rectifier, 8 A
Revision: 07-Nov-08
8TQ080SPBF VISHAY-8TQ080SPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 15-Mar-10
8TQ100 VISHAY-8TQ100 Datasheet
121Kb / 6P
   Schottky Rectifier, 8 A
Revision: 19-Aug-08
8TQ100GS VISHAY-8TQ100GS Datasheet
108Kb / 6P
   Schottky Rectifier, 8 A
Revision: 18-Jun-08
8TQ080GSPBF VISHAY-8TQ080GSPBF_10 Datasheet
112Kb / 6P
   Schottky Rectifier, 8 A
Revision: 23-Mar-10
VS-8TQPBF VISHAY-VS-8TQPBF Datasheet
178Kb / 7P
   Schottky Rectifier, 8 A
Revision: 29-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com