Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1051427000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1051427000
Description  LGA 2011-0 Back Plate Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1051427000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1051427000_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/07/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1051427000
Status:
Active
Overview:
LGA 2011-0 Server CPU Socket
Description:
LGA 2011-0 Back Plate Assembly
Documents:
Drawing (PDF)
Packaging Specification PK-105142-700 (PDF)
Application Specification AS-105142-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Processor Sockets
Series
105142
Component Type
Socket
Overview
LGA 2011-0 Server CPU Socket
Product Name
LGA2011
UPC
884982585065
Physical
Circuits (Loaded)
0
Circuits (maximum)
0
Durability (mating cycles max)
Contact Molex
Material - Metal
Copper Alloy
Net Weight
85.100/g
Packaging Type
Tray
Pitch - Mating Interface
N/A
Temperature Range - Operating
-40°C to +100°C
Electrical
Current - Maximum per Contact
N/A
Voltage - Maximum
N/A
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-105142-001-001
Packaging Specification
PK-105142-700
Sales Drawing
RSD-105142-703, SD-105142-700, SD-105142-703
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
105142 Series
This document was generated on 03/07/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1051427000_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1051420132 MOLEX5-1051420132 Datasheet
1Mb / 4P
   LGA 2011-0 SOCKET
1051420132 MOLEX1-1051420132_17 Datasheet
38Kb / 1P
   1.02mm (.040) Pitch LGA2011-0 Processor Socket Assembly, 15 Gold Plating
1051420133 MOLEX5-1051420133 Datasheet
1Mb / 4P
   LGA 2011-0 SOCKET
1051420133 MOLEX1-1051420133_17 Datasheet
38Kb / 1P
   1.02mm (.040) Pitch LGA2011-0 Processor Socket Assembly, 30u Gold Plating
logo
SICK AG
1051424 SICK-1051424 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - 1051427000_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1051428000 MOLEX1-1051428000_17 Datasheet
34Kb / 1P
   LGA 2011-0 Standard ILM Assembly
1051429000 MOLEX1-1051429000_17 Datasheet
34Kb / 1P
   LGA 2011-0 Narrow ILM Assembly
SD-105142-001 MOLEX5-SD-105142-001 Datasheet
1Mb / 4P
   LGA 2011-0 SOCKET
1051428100 MOLEX1-1051428100_17 Datasheet
46Kb / 1P
   LGA 2011-0 Standard ILM Assembly with Cover
1051429100 MOLEX1-1051429100_17 Datasheet
33Kb / 1P
   LGA 2011-0 Narrow ILM Assembly with ILM Cover
logo
Tyco Electronics
1-1554653-1 MACOM-1-1554653-1 Datasheet
2Mb / 1P
   LGA 2011 SOCKET
logo
Molex Electronics Ltd.
0475969923 MOLEX6-0475969923 Datasheet
95Kb / 2P
   LGA 1156 Back-plate Assembly for 1U Server, without Screws, Lead-free
0475969913 MOLEX6-0475969913 Datasheet
92Kb / 2P
   LGA 1156 Back-plate Assembly for Desktop PC, without Screws, Lead-free
0475968823 MOLEX6-0475968823 Datasheet
95Kb / 2P
    LGA 1156 Back-plate Assembly for 1U Server, without Screws, Lead-free, Halogenfree
0475968813 MOLEX6-0475968813 Datasheet
92Kb / 2P
   LGA 1156 Back-plate Assembly for Desktop PC, without Screws, Lead-free, Halogen-free
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com