Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP305LSQ40T1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP305LSQ40T1
Description  Voltage Detector Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP305LSQ40T1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP305LSQ40T1 Datasheet HTML 7Page - ON Semiconductor NCP305LSQ40T1 Datasheet HTML 8Page - ON Semiconductor NCP305LSQ40T1 Datasheet HTML 9Page - ON Semiconductor NCP305LSQ40T1 Datasheet HTML 10Page - ON Semiconductor NCP305LSQ40T1 Datasheet HTML 11Page - ON Semiconductor NCP305LSQ40T1 Datasheet HTML 12Page - ON Semiconductor NCP305LSQ40T1 Datasheet HTML 13Page - ON Semiconductor NCP305LSQ40T1 Datasheet HTML 14Page - ON Semiconductor NCP305LSQ40T1 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
NCP304, NCP305
http://onsemi.com
11
Table 3. NCP305 SERIES ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
Detector Threshold
Supply Current
N−Channel
Sink Current
Detector Threshold
Detector Threshold
Hysteresis
Vin Low
Vin High
Vin Low
Vin High
VDET− (V)
VHYS (V)
Iin
(mA)
(Note 15)
Iin
(mA)
(Note 16)
IOUT
(mA)
(Note 17)
IOUT
(mA)
(Note 18)
Part Number
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
NCP305LSQ09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.8
0.9
0.05
0.5
NCP305LSQ10T1
0.980
1.0
1.020
0.030
0.050
0.070
1.0
NCP305LSQ11T1
1.078
1.1
1.122
0.033
0.055
0.077
1.0
NCP305LSQ12T1
1.176
1.2
1.224
0.036
0.060
0.084
NCP305LSQ13T1
1.274
1.3
1.326
0.039
0.065
0.091
NCP305LSQ14T1
1.372
1.4
1.428
0.042
0.070
0.098
NCP305LSQ15T1
1.470
1.5
1.530
0.045
0.075
0.105
NCP305LSQ16T1
1.568
1.6
1.632
0.048
0.080
0.112
2.0
NCP305LSQ17T1
1.666
1.7
1.734
0.051
0.085
0.119
NCP305LSQ18T1
1.764
1.8
1.836
0.054
0.090
0.126
NCP305LSQ19T1
1.862
1.9
1.938
0.057
0.095
0.133
NCP305LSQ20T1
1.960
2.0
2.040
0.060
0.100
0.140
0.9
1.1
NCP305LSQ21T1
2.058
2.1
2.142
0.063
0.105
0.147
NCP305LSQ22T1
2.156
2.2
2.244
0.066
0.110
0.154
NCP305LSQ23T1
2.254
2.3
2.346
0.069
0.115
0.161
NCP305LSQ24T1
2.352
2.4
2.448
0.072
0.120
0.168
NCP305LSQ25T1
2.450
2.5
2.550
0.075
0.125
0.175
NCP305LSQ26T1
2.548
2.6
2.652
0.078
0.130
0.182
NCP305LSQ27T1
2.646
2.7
2.754
0.081
0.135
0.189
NCP305LSQ28T1
2.744
2.8
2.856
0.084
0.140
0.196
NCP305LSQ29T1
2.842
2.9
2.958
0.087
0.145
0.203
NCP305LSQ30T1
2.940
3.0
3.060
0.090
0.150
0.210
1.0
1.2
NCP305LSQ31T1
3.038
3.1
3.162
0.093
0.155
0.217
NCP305LSQ32T1
3.136
3.2
3.264
0.096
0.160
0.224
NCP305LSQ33T1
3.234
3.3
3.366
0.099
0.165
0.231
NCP305LSQ34T1
3.332
3.4
3.468
0.102
0.170
0.238
NCP305LSQ35T1
3.430
3.5
3.570
0.105
0.175
0.245
NCP305LSQ36T1
3.528
3.6
3.672
0.108
0.180
0.252
NCP305LSQ37T1
3.626
3.7
3.774
0.111
0.185
0.259
NCP305LSQ38T1
3.724
3.8
3.876
0.114
0.190
0.266
NCP305LSQ39T1
3.822
3.9
3.978
0.117
0.195
0.273
NCP305LSQ40T1
3.920
4.0
4.080
0.120
0.200
0.280
1.1
1.3
NCP305LSQ41T1
4.018
4.1
4.182
0.123
0.205
0.287
NCP305LSQ42T1
4.116
4.2
4.284
0.126
0.210
0.294
NCP305LSQ43T1
4.214
4.3
4.386
0.129
0.215
0.301
NCP305LSQ44T1
4.312
4.4
4.488
0.132
0.220
0.308
NCP305LSQ45T1
4.410
4.5
4.590
0.135
0.225
0.315
NCP305LSQ46T1
4.508
4.6
4.692
0.138
0.230
0.322
NCP305LSQ47T1
4.606
4.7
4.794
0.141
0.235
0.329
NCP305LSQ48T1
4.704
4.8
4.896
0.144
0.240
0.336
NCP305LSQ49T1
4.802
4.9
4.998
0.147
0.245
0.343
15.Condition 1: 0.9 − 2.9 V, Vin = VDET− − 0.10 V; 3.0 − 3.9 V, Vin = VDET− − 0.13 V; 4.0 − 4.9 V, Vin = VDET− − 0.16 V
16.Condition 2: 0.9 − 4.9 V, Vin = VDET− + 2.0 V
17.Condition 3: 0.9 − 4.9 V, Vin = 0.7 V, VOUT = 0.05 V, Active Low ‘L’ Suffix Devices
18.Condition 4: 0.9 − 1.0 V, Vin = 0.85 V, VOUT = 0.5 V; 1.1 − 1.5 V, Vin = 1.0 V, VOUT = 0.5 V; 1.6 − 4.9 V, Vin = 1.5 V, VOUT = 0.5 V,
Active Low ‘L’ Suffix Devices


Similar Part No. - NCP305LSQ40T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP305LSQ40T1 ONSEMI-NCP305LSQ40T1 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP305LSQ40T1 ONSEMI-NCP305LSQ40T1 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP305LSQ40T1G ONSEMI-NCP305LSQ40T1G Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
More results

Similar Description - NCP305LSQ40T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com