Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPAM15S Datasheet(PDF) 2 Page - Total Power International

Part # TPAM15S
Description  PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAM15S Datasheet(HTML) 2 Page - Total Power International

  TPAM15S_17 Datasheet HTML 1Page - Total Power International TPAM15S_17 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL NO. DESCRIPTION:
TPAM15 S - XXX YYY
.
Output Wattage
Series Name
Remark: Please specify the V/A ratings
and consult for Model No
Output Current
Output Voltage
S: Single/ D: Dual
OUTPUT VOLTAGE/ CURRENT RATINGS CHART
SINGLE OUTPUT
VO1 @ ★
MODEL NO.
TYP.
VOLT.
PEAK
TPAM15S-180083
0.83A
18.0V
1.00A
TPAM15S-240062
0.62A
24.0V
0.74A
TPAM15S-360041
0.41A
36.0V
0.50A
TPAM15S-480031
0.31A
48.0V
0.37A
Symbols: "★" OVP built-in.
"@" Adjustable.
Note: Peak output, less than 60 Sec. with duty cycle <10%.
MECHANICAL DIMENSIONS: MM [INCHES]
Weight: 120.0g (4.23 Oz).
CASE SIZE: AM02
PIN ASSIGNMENT
PIN NO. SINGLE
PIN #1. AC-GROUND
PIN #2. AC-NEUTRAL
PIN #3. AC-LINE
PIN #4. + VO1
PIN #5. DC-COM
DERATING CHART
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


Similar Part No. - TPAM15S_17

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAM15S-180083 TOTAL-POWER-TPAM15S-180083 Datasheet
252Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT TPAM15S SERIES
More results

Similar Description - TPAM15S_17

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-25S MPD-MPM-25S Datasheet
217Kb / 2P
   Universal Input, 25W Miniature, PC Mount AC/DC Power Supplies
MPM-20S MPD-MPM-20S Datasheet
244Kb / 2P
   Universal Input, 20W Miniature, PC Mount AC/DC Power Supplies
logo
Wall Industries,Inc.
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
   AC/DC PCB Mount Power Supplies
logo
HITRON ELECTRONICS CORP...
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
Wall Industries,Inc.
PSAZC WALL-PSAZC Datasheet
312Kb / 3P
   AC/DC PCB Mount Power Supplies
PSAOC WALL-PSAOC Datasheet
123Kb / 4P
   AC/DC PCB Mount Power Supplies
logo
Artesyn Technologies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3322 ARTESYN-NLP65-3322 Datasheet
52Kb / 3P
   60W AC/DC Universal Input Switch Mode Power Supplies
NFS25 ARTESYN-NFS25 Datasheet
56Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NAL40 ARTESYN-NAL40 Datasheet
62Kb / 3P
   40W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com