Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16X Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BAS16X
Description  High speed Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAS16X Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BAS16X Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAS16X Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAS16X Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
High speed Switching Diode
BAS16X
H008
www.gmicroelec.com
Rev.A
1
FEATURES
Small package.
High speed switching.
APPLICATIONS
High speed switching application.
SOD-523
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS16X
A6
SOD-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Peak repetitive reverse voltage
Working peak reverse voltage
DC Reverse voltage
VRRM
VRWM
VR
85
V
RMS Reverse voltage
VR(RMS)
60
V
Continuous forward current
IF
155
mA
Repetitive peak forward current
IFRM
500
mA
Non-Repetitive peak forward surge current
@t=1.0μs
@t=1.0ms
@t=1.0s
IFSM
4.0
1.0
0.5
A
Total power dissipation
Ptot
150
mW
Total resistance junction to ambient
RθJA
833
℃/W
Junction temperature
Tj
150
Storage temperature
Tstg
-65 to +150
Pb
Lead-free


Similar Part No. - BAS16X

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS16X JIANGSU-BAS16X Datasheet
141Kb / 2P
   Swithching Diode
logo
Goodwork Semiconductor ...
BAS16X GWSEMI-BAS16X Datasheet
239Kb / 3P
   Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
BAS16X BILIN-BAS16X Datasheet
196Kb / 3P
   High speed Switching Diode
logo
Micro Commercial Compon...
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
   150mW 75Volt Switching Diode
logo
Shenzhen Luguang Electr...
BAS16X LUGUANG-BAS16X Datasheet
278Kb / 2P
   High Speed Switching Diodes
More results

Similar Description - BAS16X

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com