Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5853DC-T1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI5853DC-T1
Description  P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5853DC-T1 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI5853DC-T1 Datasheet HTML 1Page - Vishay Siliconix SI5853DC-T1 Datasheet HTML 2Page - Vishay Siliconix SI5853DC-T1 Datasheet HTML 3Page - Vishay Siliconix SI5853DC-T1 Datasheet HTML 4Page - Vishay Siliconix SI5853DC-T1 Datasheet HTML 5Page - Vishay Siliconix SI5853DC-T1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Si5853DC
Vishay Siliconix
Document Number: 71239
S-21251—Rev. B, 05-Aug-02
www.vishay.com
2-1
P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
MOSFET PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
0.110 @ VGS =--4.5 V
--3.6
--20
0.160 @ VGS =--2.5 V
--3.0
0.240 @ VGS =--1.8 V
--2.4
SCHOTTKY PRODUCT SUMMARY
VKA (V)
Vf (v)
Diode Forward Voltage
IF (A)
20
0.48 V @ 0.5 A
1.0
Bottom View
1206-8 ChipFETt
A
A
S
G
K
K
D
D
1
Marking Code
JA XX
Lot Traceability
and Date Code
Part # Code
K
A
S
G
D
P-Channel MOSFET
Ordering Information: Si5853DC-T1
ABSOLUTE MAXIMUM RATINGS (TA =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 sec
Steady State
Unit
Drain-Source Voltage (MOSFET and Schottky)
VDS
--20
Reverse Voltage (Schottky)
VKA
20
V
Gate-Source Voltage (MOSFET)
VGS
8
8
V
Continuous Drain Current (TJ = 150_C) (MOSFET)a
TA =25_C
ID
--3.6
--2.7
Continuous Drain Current (TJ = 150_C) (MOSFET)a
TA =85_C
ID
--2.6
--1.9
Pulsed Drain Current (MOSFET)
IDM
--10
A
Continuous Source Current (MOSFET Diode Conduction)a
IS
--1.8
--0.9
A
Average Foward Current (Schottky)
IF
1.0
Pulsed Foward Current (Schottky)
IFM
7
Maximum Power Dissipation (MOSFET)a
TA =25_C
2.1
1.1
Maximum Power Dissipation (MOSFET)a
TA =85_C
PD
1.1
0.6
W
Maximum Power Dissipation (Schottky)a
TA =25_C
PD
1.3
0.96
W
Maximum Power Dissipation (Schottky)a
TA =85_C
0.68
0.59
Operating Junction and Storage Temperature Range
TJ,Tstg
--55 to 150
_
C
Soldering Recommendations (Peak Temperature)b, c
260
_
C
Notes
a.
Surface Mounted on 1” x1” FR4 Board.
b.
See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation
process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder intercon-
nection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Similar Part No. - SI5853DC-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5853DC-T1-E3 VISHAY-SI5853DC-T1-E3 Datasheet
180Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. D, 08-Mar-10
More results

Similar Description - SI5853DC-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5855DC VISHAY-SI5855DC Datasheet
86Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. A, 07-Jul-03
SI5855DC-T1-E3 VISHAY-SI5855DC-T1-E3 Datasheet
188Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. C, 08-Mar-10
SI5855DC VISHAY-SI5855DC_04 Datasheet
101Kb / 7P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 17-May-04
SI5853DC-T1-E3 VISHAY-SI5853DC-T1-E3 Datasheet
180Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. D, 08-Mar-10
SI5856DC VISHAY-SI5856DC Datasheet
88Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 24-Nov-03
SI5856DC VISHAY-SI5856DC_08 Datasheet
111Kb / 7P
   N-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. C, 28-Feb-05
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com