Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14582 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA14582
Description  Bluetooth Low Energy 4.2 SoC with Audio CODEC
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14582 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA14582_16 Datasheet HTML 7Page - Dialog Semiconductor DA14582_16 Datasheet HTML 8Page - Dialog Semiconductor DA14582_16 Datasheet HTML 9Page - Dialog Semiconductor DA14582_16 Datasheet HTML 10Page - Dialog Semiconductor DA14582_16 Datasheet HTML 11Page - Dialog Semiconductor DA14582_16 Datasheet HTML 12Page - Dialog Semiconductor DA14582_16 Datasheet HTML 13Page - Dialog Semiconductor DA14582_16 Datasheet HTML 14Page - Dialog Semiconductor DA14582_16 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 172 page
background image
Datasheet
Revision 3.0
08-Nov-2016
CFR0011-120-01
11 of 172
© 2015 Dialog Semiconductor
DA14582
Bluetooth Low Energy 4.2 SoC with Audio CODEC
FINAL
Core drivers are provided for each interface of the
DA14582 enabling optimized usage of the hardware’s
capabilities. These drivers provide an easy-to-use
interface towards the hardware engines without having
to interfere with the register programming directly.
On top of the core drivers, a number of sample drivers
is also provided enabling communication with basic
Bluetooth Smart application components: accelerome-
ters, FLASH/EEPROM non-volatile memories, etc.
4.3 MEMORIES
The following memories are part of the DA14582’s
internal blocks:
ROM. This is a 84 kB ROM containing the Bluetooth
Smart protocol stack as well as the boot code
sequence.
OTP. This is a 32 kB One-Time Programmable memory
array, used to store the application code as well as
Bluetooth Smart profiles. It also contains the system
configuration and calibration data.
System SRAM. This is a 42 kB system SRAM (Sys-
RAM) which is primarily used for mirroring the program
code from the OTP when the system wakes/powers
up. It also serves as Data RAM for intermediate vari-
ables and various data that the protocol requires.
Optionally, it can be used as extra memory space for
the BLE TX and RX data structures.
Retention RAMs. These are 4 special low leakage
SRAM cells (2 kB + 2 kB + 3 kB + 1 kB) used to store
various data of the Bluetooth Smart protocol as well as
the system’s global variables and processor stack
when the system goes into Deep Sleep mode. Storage
of this data ensures secure and quick configuration of
the BLE Core after the system wakes up. Every cell
can be powered on or off according to the application
needs for retention area when in Deep Sleep mode.
Codec. A bidirectional 14 bits Sigma-delta codec with
full differential analog front-end for microphones and
loudspeakers down-to 28 ohm is connected internally
via SPI to the BLE core.
4.4 FUNCTIONAL MODES
The DA14582 is optimized for deeply embedded appli-
cations such as health monitoring, sports measuring,
human interaction devices etc. Customers are able to
develop and test their own applications. Upon comple-
tion of the development, the application code can be
programmed into the OTP. In general, the system has
three functional modes of operation:
A. Development mode: During this phase application
code is developed using the ARM Cortex-M0 SW envi-
ronment. The compiled code is then downloaded into
the System RAM or any Retention RAMs by means of
SWD (JTAG) or any serial interface (e.g. UART).
Address 0x00 is remapped to the physical memory that
contains the code and the CPU is configured to reset
and execute code from the remapped device. This
mode is enabling application development, debugging
and on-the-fly testing.
B. Normal mode: After the application is ready and
verified, the code can be burned into the OTP. When
the system boots/wakes up, the DMA of the OTP con-
troller will automatically copy the program code from
the OTP into the system RAM. Next, a SW reset or a
jump to the System RAM occurs and code execution is
started. Hence, in this mode, the system is autono-
mous, contains the required SW in OTP and is ready
for integration into the final product.
C. Calibration mode: Between Development and Nor-
mal mode, there is an intermediate stage where the
chip needs to be calibrated with respect to two impor-
tant features:
Figure 4: Hardware Abstraction Layer
GPIO 
Driver
Application
Accelerometer 
Driver
SPI
Driver
UART
Driver
SPI FLASH 
Driver
ADC
Driver
Battery
Driver
Quadrature 
EEPROM
I2C
Driver
Sample 
Drivers
CORE
Drivers
Timers


Similar Part No. - DA14582_16

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Renesas Technology Corp
DA14582 RENESAS-DA14582 Datasheet
237Kb / 3P
   Revision History
04-Jan-2022
More results

Similar Description - DA14582_16

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
   Bluetooth 4.2 Low Energy Module
07/14/15
logo
Renesas Technology Corp
DA14683 RENESAS-DA14683 Datasheet
9Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
13-Jan-2022
logo
Dialog Semiconductor
DA14683 DIALOG-DA14683 Datasheet
13Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com