Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14580-01A32 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA14580-01A32
Description  Bluetooth Low Energy 4.2 SoC
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14580-01A32 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA14580-01A32 Datasheet HTML 1Page - Dialog Semiconductor DA14580-01A32 Datasheet HTML 2Page - Dialog Semiconductor DA14580-01A32 Datasheet HTML 3Page - Dialog Semiconductor DA14580-01A32 Datasheet HTML 4Page - Dialog Semiconductor DA14580-01A32 Datasheet HTML 5Page - Dialog Semiconductor DA14580-01A32 Datasheet HTML 6Page - Dialog Semiconductor DA14580-01A32 Datasheet HTML 7Page - Dialog Semiconductor DA14580-01A32 Datasheet HTML 8Page - Dialog Semiconductor DA14580-01A32 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 155 page
background image
Datasheet
Revision 3.4
09-Nov-2016
CFR0011-120-01
4 of 155
© 2014 Dialog Semiconductor
DA14580
Bluetooth Low Energy 4.2 SoC
FINAL
2
Pinout
The DA14580 comes in three packages:
• Wafer Level Chip Scale Package (WLCSP) with 34
balls
• Quad Flat Package No Leads (QFN) with 48 pins
• Quad Flat Package No Leads (QFN) with 40 pins
The actual pin/ball assignment is depicted in the follow-
ing figures:
Figure 2: WLCSP34 ball assignment
12
34
5
A
B
C
D
E
6
F
Figure 3: QFN48 Pin Assignment
Pin 0: GND plane
DA14580
(Top View)
9
8
7
6
5
4
3
2
P0_1
P0_2
P0_3
P3_0
P0_4
P0_5
P0_6
11
10
P0_7
P2_1
P3_1
1
12
28
29
30
31
32
33
34
35
XTAL16Mm
XTAL16Mp
P1_3
P1_2
SW_CLK
SWDIO
P1_1
VBAT1V
26
27
SWITCH
P1_0
36
25
P0_0
P3_2
P3_5
P3_6


Similar Part No. - DA14580-01A32

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580 Datasheet
96Kb / 4P
   Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
logo
Renesas Technology Corp
DA14580 RENESAS-DA14580 Datasheet
237Kb / 8P
   Revision History
07-Jan2022
More results

Similar Description - DA14580-01A32

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
   Bluetooth 4.2 Low Energy Module
07/14/15
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
   Single-Chip Bluetooth Low Energy-Only SoC
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
   Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Renesas Technology Corp
DA14683 RENESAS-DA14683 Datasheet
9Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com