Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14586-00F02AT2 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # DA14586-00F02AT2
Description  Smallest, lowest power and most integrated Bluetooth 5 SoC with integrated Flash
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14586-00F02AT2 Datasheet(HTML) 3 Page - Dialog Semiconductor

  DA14586-00F02AT2 Datasheet HTML 1Page - Dialog Semiconductor DA14586-00F02AT2 Datasheet HTML 2Page - Dialog Semiconductor DA14586-00F02AT2 Datasheet HTML 3Page - Dialog Semiconductor DA14586-00F02AT2 Datasheet HTML 4Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dialog-semiconductor.com/bluetoothlowenergy
• Radio transceiver
-
Fully integrated 2.4 GHz CMOS transceiver
-
Single wire antenna: no RF matching or RX/TX switching required
-
Current consumption with supply voltage equal 3 V:
▪ TX: 3.4 mA, RX: 3.7 mA (with ideal DC-DC)
- +0 dBm transmit output power
- -20 dBm output power in ‘Near Field Mode’
- -93 dBm receiver sensitivity
• Packages:
-
QFN 40 pins, 5 mm x 5 mm x 0.9 mm
Bluetooth 5.0
Supporting the Bluetooth 5.0 core specification, DA14586 enables new enhanced Bluetooth low
energy functionality ideal for applications such as remote controls, beacons, connected sensors
and innovative medical devices. Among the new features, DA14586 supports Data Packet Length
Extension, Link Layer Privacy v1.2, Secure Connections, Bluetooth low energy Mesh and Efficient
connectable Advertising.
Audio Processing Unit
The integrated Audio Unit (AU) is equipped with a Pulse-Density Modulation (PDM) interface that
can be connected to up to 2 input devices (e.g. MEMS microphones) or output devices, a Pulse-
Code modulation (PCM) controller which provides an up to 192 kHz synchronous interface to
external audio devices, ISDN circuits and serial data interfaces (I2S) and a 24-bit Sample Rate
Converting unit (SRC) used to convert the sampling rate of audio samples between the various
interfaces. PDM and PCM functionality can be mapped to any GPIO through the user programmable
pin logic. An integrated DMA controller handles all data transfers between the AU and the RAM
providing the CPU with the freedom to cope with other tasks.
Enhanced Memory
The DA14586 has a large memory capacity for user applications: 2 Mb of FLASH memory, 96 kB of
Data RAM with retention capability, 128 kB of ROM and 64 kB of One-Time-Programmable (OTP)
memory. The granularity of the RAM cells (32 kB/16 kB/16 kB/32 kB) allows retaining only the RAM
needed and achieves the minimum power consumption during the sleep state.
Compatibility


Similar Part No. - DA14586-00F02AT2

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580 Datasheet
96Kb / 4P
   Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
logo
Renesas Technology Corp
DA14580 RENESAS-DA14580 Datasheet
237Kb / 8P
   Revision History
07-Jan2022
logo
Dialog Semiconductor
DA14580-01A31 DIALOG-DA14580-01A31 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14580-01A32 DIALOG-DA14580-01A32 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14580-01AT1 DIALOG-DA14580-01AT1 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
More results

Similar Description - DA14586-00F02AT2

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14585 DIALOG-DA14585 Datasheet
567Kb / 4P
   Smallest, lowest power and most integrated Bluetooth 5 SoC
logo
STMicroelectronics
STLC2415 STMICROELECTRONICS-STLC2415 Datasheet
181Kb / 22P
   BLUETOOTH BASEBAND WITH INTEGRATED FLASH
STLC2416 STMICROELECTRONICS-STLC2416 Datasheet
251Kb / 27P
   BLUETOOTH BASEBAND WITH INTEGRATED FLASH
STA2416 STMICROELECTRONICS-STA2416 Datasheet
421Kb / 38P
   Bluetooth??Baseband with integrated flash
logo
Dialog Semiconductor
DA14680 DIALOG-DA14680 Datasheet
576Kb / 5P
   The most integrated and flexible Bluetooth짰 low energy SoC
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
Micrel Semiconductor
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
   Lowest power and smallest programmable jitter attenuator
logo
Core Technology (Shenzh...
CST92F30 CHIPSEA-CST92F30 Datasheet
3Mb / 105P
   highly integrated Bluetooth 5.0 low energy SOC device
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
logo
Dialog Semiconductor
DA14682 DIALOG-DA14682 Datasheet
4Mb / 459P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com