Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF20100C-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VF20100C-E3
Description  Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VF20100C-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  VF20100C-E3 Datasheet HTML 1Page - Vishay Siliconix VF20100C-E3 Datasheet HTML 2Page - Vishay Siliconix VF20100C-E3 Datasheet HTML 3Page - Vishay Siliconix VF20100C-E3 Datasheet HTML 4Page - Vishay Siliconix VF20100C-E3 Datasheet HTML 5Page - Vishay Siliconix VF20100C-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
V20100C-E3, VB20100C-E3, VF20100C-E3, VI20100C-E3
www.vishay.com
Vishay General Semiconductor
Revision: 13-Dec-16
3
Document Number: 88977
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Per Diode
Fig. 4 - Typical Reverse Characteristics
Per Diode
Fig. 5 - Typical Junction Capacitance
Per Diode
Fig. 6 - Typical Transient Thermal Impedance
Per Diode
Fig. 7 - Typical Transient Thermal Impedance
Per Diode
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Instantaneous Forward Voltage (V)
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
10
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1
10
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
V(I)20100C
1
10
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
VF20100C


Similar Part No. - VF20100C-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VF20100C-E3 VISHAY-VF20100C-E3 Datasheet
214Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VF20100C-E3-4W VISHAY-VF20100C-E3-4W Datasheet
161Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
VF20100C-E3/4W VISHAY-VF20100C-E3/4W Datasheet
167Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 31-Jul-08
More results

Similar Description - VF20100C-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VB20100C-M3 VISHAY-VB20100C-M3 Datasheet
100Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 03-Jan-17
VT2060G-E3 VISHAY-VT2060G-E3 Datasheet
156Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 15-Dec-16
V30120C VISHAY-V30120C_15 Datasheet
158Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 16-Aug-13
VB60170G-E3 VISHAY-VB60170G-E3 Datasheet
95Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 11-Sep-13
V30120C-E3 VISHAY-V30120C-E3 Datasheet
157Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 12-Dec-16
V20100C VISHAY-V20100C Datasheet
167Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 31-Jul-08
V30120C VISHAY-V30120C Datasheet
168Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 19-May-08
V20100SG VISHAY-V20100SG_08 Datasheet
159Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 31-Jul-08
V20120S VISHAY-V20120S Datasheet
166Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 19-May-08
V20100SG VISHAY-V20100SG Datasheet
160Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 19-Oct-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com