Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WC706 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # WC706
Description  CHIP FERRITE BEADS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

WC706 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  WC706 Datasheet HTML 1Page - Pulse A Technitrol Company WC706 Datasheet HTML 2Page - Pulse A Technitrol Company WC706 Datasheet HTML 3Page - Pulse A Technitrol Company WC706 Datasheet HTML 4Page - Pulse A Technitrol Company WC706 Datasheet HTML 5Page - Pulse A Technitrol Company WC706 Datasheet HTML 6Page - Pulse A Technitrol Company WC706 Datasheet HTML 7Page - Pulse A Technitrol Company WC706 Datasheet HTML 8Page - Pulse A Technitrol Company WC706 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.pulseelectronics.com
WC706.C (01/16)
Pulse Jack
E l e c t r o n i c s
CHIP FERRITE BEADS
4.0 Reliability and Test Condition
Item
Performance
Test Condition
Solderability
More than 95% of the terminal electrode should be covered with solder Preheat: 150�C, 60sec
Solder: Sn99.5%-Cu0.5%
Solder temperature: 245
±5�C
Flux for lead free: Rosin.9.5%
Depth: completely cover the termination.
Dip time: 4
±1sec.
245 C
150 C
Preheating Dipping Natural Cooling
60
second
4 1.0
second
Terminal strength
Appearance: No damage.
Preconditioning: Run through IR reflow for 2 times. (IPC/JEDEC
Impedance: within
±15% of initial value
J-STD-020D Classification Reflow Profiles)
Inductance: within
±10% of initial value
Q: Shall not exceed the specification value.
Component mounted on a PCB apply a force (>0805:1kg<=080
RDC: Shall not exceed the specification value.
5:0.5kg) to the side of a device being tested. This force shall be
applied for 60 +1 econds. Also the force shall be applied gradually
as not to shock the component being tested.
Bending
Appearance: No damage.
Shall be mounted on a FR4 substrate of the
Impedance: within
±10% of initial value
Following dimensions: >=0805:40x100x1.2mm
Inductance: within
±10% of initial value
<0805:40x100x0.8mm
Q: Shall not exceed the specification value
Bending depth: >=0805:1.2mm
RDC: Shall not exceed the specification value
Duration of 10 sec for a min.
Vibration Test
Appearance: No damage.
Preconditioning: Run through IR reflow for 2 times. (IPC/JEDEC
J-STD-020D Classification Reflow Profiles)
Impedance: within
±15% of initial value
Oscillation Frequency: 10 2K 10Hz for 20 minutes
Inductance: within
±10% of initial value
Equipment: Vibration checker
Q: Shall not exceed the specification value
Total Amplitude: 1.52mm
±10%
RDC: within
±15% of initial value and shall not exceed the specification
value
Testing Time: 12 hours (20 minutes 12 cycles each of 3 orientations).
Shock
Appearance: No damage.
Test condition:
Impedance: within
±15% of initial value
Inductance: within
±10% of initial value
Q: Shall not exceed the specification value
RDC: within
±15% of initial value and shall not exceed the
specification value
Type
Peak
Normal
Velocity
Value
duration
change
(g’s)
(D) (ms)
(Vi)ft/sec
SMD
1,500
0.5
Half-sine
15.4
Lead
100
6
Half-sine
12.3
Wave
form
~ ~
4


Similar Part No. - WC706

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
WC701 PULSE-WC701 Datasheet
2Mb / 28P
   RF Chip Inductors
WC702 PULSE-WC702 Datasheet
641Kb / 3P
   Super Frequency Ceramic RF Chip Inductors
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
WC705 PULSE-WC705 Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
WC707 PULSE-WC707 Datasheet
617Kb / 4P
   Multi-Layer Common Mode Chip Choke
More results

Similar Description - WC706

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com