Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-8CSH01HM3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-8CSH01HM3
Description  Hyperfast Rectifier, 2 x 4 A FRED Pt
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-8CSH01HM3 Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-8CSH01HM3 Datasheet HTML 1Page - Vishay Siliconix VS-8CSH01HM3 Datasheet HTML 2Page - Vishay Siliconix VS-8CSH01HM3 Datasheet HTML 3Page - Vishay Siliconix VS-8CSH01HM3 Datasheet HTML 4Page - Vishay Siliconix VS-8CSH01HM3 Datasheet HTML 5Page - Vishay Siliconix VS-8CSH01HM3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-8CSH01HM3
www.vishay.com
Vishay Semiconductors
Revision: 28-Mar-17
1
Document Number: 95705
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Hyperfast Rectifier, 2 x 4 A FRED Pt®
FEATURES
• Hyperfast recovery time, reduced Qrr, and soft
recovery
• 175 °C maximum operating junction temperature
• Specified for output and snubber operation
• Low forward voltage drop
• Low leakage current
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• AEC-Q101 qualified, meets JESD 201 class 2 whisker test
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION / APPLICATIONS
State of the art hyperfast recovery rectifiers specifically
designed with optimized performance of forward voltage
drop and hyperfast recovery time.
The planar structure and the platinum doped life time control
guarantee the best overall performance, ruggedness, and
reliability characteristics.
These devices are intended for use in snubber, boost,
lighting, piezo-injection, as high frequency rectifiers, and
freewheeling diodes.
The extremely optimized stored charge and low recovery
current minimize the switching losses and reduce power
dissipation in the switching element.
PRODUCT SUMMARY
Package
SMPC (TO-277A)
IF(AV)
2 x 4 A
VR
100 V
VF at IF
0.72 V
trr (typ.)
25 ns
TJ max.
175 °C
Diode variation
Dual die
Anode 1
Anode 2
Cathode
K
SMPC (TO-277A)
K
2
1
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Peak repetitive reverse voltage
VRRM
100
V
Average rectified forward current
per device
IF(AV)
TSp = 160 °C
8
A
per diode
4
Non-repetitive peak surge current
per device
IFSM
TJ = 25 °C
130
per diode
70
Operating junction and storage temperatures
TJ, TStg
-65 to +175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
100
-
-
V
Forward voltage, per diode
VF
IF = 4 A
-
0.89
0.95
IF = 4 A, TJ = 150 °C
-
0.72
0.78
Reverse leakage current, per diode
IR
VR = VR rated
-
-
2
μA
TJ = 150 °C, VR = VR rated
-
4
80
Junction capacitance
CT
VR = 100 V
-
18
-
pF


Similar Part No. - VS-8CSH01HM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8CSH01HM3 VISHAY-VS-8CSH01HM3 Datasheet
145Kb / 7P
   Hyperfast Rectifier, 2 x 4 A FRED Pt짰
01-Jan-2022
VS-8CSH01HM3 VISHAY-VS-8CSH01HM3_V01 Datasheet
145Kb / 7P
   Hyperfast Rectifier, 2 x 4 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-8CSH01HM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8CWH02FN-M3 VISHAY-8CWH02FN-M3 Datasheet
149Kb / 8P
   Hyperfast Rectifier, 2 x 4 A FRED Pt®
Revision: 31-Mar-11
VS-8CWH02FN-M3 VISHAY-VS-8CWH02FN-M3 Datasheet
149Kb / 8P
   Hyperfast Rectifier, 2 x 4 A FRED Pt®
Revision: 31-Mar-11
VS-8CWH02FNHM3 VISHAY-VS-8CWH02FNHM3 Datasheet
124Kb / 7P
   Hyperfast Rectifier, 2 x 4 A FRED Pt®
Revision: 02-Aug-12
20CTH03SPBF VISHAY-20CTH03SPBF_10 Datasheet
177Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
80CPH03-F3 VISHAY-80CPH03-F3 Datasheet
155Kb / 7P
   Hyperfast Rectifier, 2 x 40 A FRED Pt
Revision: 05-Oct-10
20CTH03PBF VISHAY-20CTH03PBF_11 Datasheet
189Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
VS-60CPH03PBF VISHAY-VS-60CPH03PBF Datasheet
157Kb / 8P
   Hyperfast Rectifier, 2 x 30 A FRED Pt
Revision: 10-Jul-15
VS-20CTH03 VISHAY-VS-20CTH03 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
30CTH02PBF VISHAY-30CTH02PBF_11 Datasheet
188Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
30CTH02SPBF VISHAY-30CTH02SPBF_10 Datasheet
173Kb / 9P
   Hyperfast Rectifier, 2 x 15 A FRED Pt
Revision: 11-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com