Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4184 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # SRC4184
Description  4-Channel, Asynchronous Sample Rate Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4184 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button SRC4184 Datasheet HTML 2Page - Burr-Brown (TI) SRC4184 Datasheet HTML 3Page - Burr-Brown (TI) SRC4184 Datasheet HTML 4Page - Burr-Brown (TI) SRC4184 Datasheet HTML 5Page - Burr-Brown (TI) SRC4184 Datasheet HTML 6Page - Burr-Brown (TI) SRC4184 Datasheet HTML 7Page - Burr-Brown (TI) SRC4184 Datasheet HTML 8Page - Burr-Brown (TI) SRC4184 Datasheet HTML 9Page - Burr-Brown (TI) SRC4184 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
SRC4184
SBFS026A − JUNE 2004 − REVISED JULY 2004
www.ti.com
6
PIN DESCRIPTIONS
PIN #
NAME
I/O
DESCRIPTION
1
IFMTA0
Input
SRC A Audio Input Data Format(1)
2
IFMTA1
Input
SRC A Audio Input Data Format(1)
3
IFMTA2
Input
SRC A Audio Input Data Format(1)
4
OFMTA0
Input
SRC A Audio Output Data Format(1)
5
OFMTA1
Input
SRC A Audio Output Data Format(1)
6
OWLA0
Input
SRC A Audio Output Data Word Length(1)
7
OWLA1
Input
SRC A Audio Output Data Word Length(1)
8
BYPA
Input
SRC A Bypass Mode (Active High)
9
LGRPA0
Input
SRC A Low Group Delay Mode(1)
10
LGRPA1
Input
SRC A Low Group Delay Mode(1)
11
DDNA
Input
SRC A Direct Downsampling Mode (Active High)(1)
12
DEMA0
Input
SRC A Digital De-Emphasis Filter Mode(1)
13
DEMA1
Input
SRC A Digital De-Emphasis Filter Mode(1)
14
MODEA0
Input
SRC A Serial Port Mode(1)
15
MODEA1
Input
SRC A Serial Port Mode(1)
16
MODEA2
Input
SRC A Serial Port Mode(1)
17
RATIOA
Output
SRC A Ratio Flag
18
RDYA
Output
SRC A Ready Flag (Active Low)
19
MUTEA
Input
SRC A Output Soft Mute
20
RCKIA
Input
SRC A Reference Clock
21
RST
Input
Reset and Power-Down (Active Low)
22
H/S
Input
Control Mode (0 = Software, 1 = Hardware)
23
DGND
Ground
Digital Ground
24, 25
VDD33
Power
Core Supply, +3.3V. Required when REGEN is high. When REGEN is low, VDD33 must be left unconnected.
26
REGEN
Input
Voltage Regulator Enable (Active High)
27, 28
VDD18
Power
Core Supply, +1.8V. Required when REGEN is low. When REGEN is high, VDD18 must be left unconnected.
29
RCKIB
Input
SRC B Reference Clock
30
MUTEB
Input
SRC B Output Soft Mute
31
RDYB
Output
SRC B Ready Flag (Active Low)
32
RATIOB
Output
SRC B Ratio Flag
33
MODEB2 or CDIN
Input
SRC B Serial Port Mode(1) or SPI Port Serial Data Input(2)
34
MODEB1 or CCLK
Input
SRC B Serial Port Mode(1) or SPI Port Data Clock(2)
35
MODEB0 or CS
Input
SRC B Serial Port Mode(1) or SPI Port Chip Select (Active Low)(2)
36
DEMB1 or CDOUT
I/O
SRC B Digital De-Emphasis Filter Mode(1) or SPI Port Serial Data Output(2)
37
DEMB0
Input
SRC B Digital De-Emphasis Filter Mode(1)
38
DDNB
Input
SRC B Direct Downsampling Mode (Active High)(1)
39
LGRPB1
Input
SRC B Low Group Delay Mode(1)
40
LGRPB0
Input
SRC B Low Group Delay Mode(1)
41
BYPB
Input
SRC B Bypass Mode (Active High)
42
OWLB1
Input
SRC B Audio Output Data Word Length(1)
43
OWLB0
Input
SRC B Audio Output Data Word Length(1)
44
OFMTB1
Input
SRC B Audio Output Data Format(1)
45
OFMTB0
Input
SRC B Audio Output Data Format(1)
46
IFMTB2
Input
SRC B Audio Input Data Format(1)
47
IFMTB1
Input
SRC B Audio Input Data Format(1)
48
IFMTB0
Input
SRC B Audio Input Data Format(1)
49
SDOUTB
Output
SRC B Audio Output Data
50
BCKOB
I/O
SRC B Audio Output Bit Clock
51
LRCKOB
I/O
SRC B Audio Output Left/Right or Word Clock
52
TDMIB
Input
SRC B TDM Input Data (TDM Format Only)
53
BCKIB
I/O
SRC B Audio Input Bit Clock
54
LRCKIB
I/O
SRC B Audio Input Left/Right or Word Clock
55
SDINB
Input
SRC B Audio Input Data
56
VIO
Power
Digital I/O Supply, +1.65V to +3.6V
57
DGND
Ground
Digital Ground
58
SDINA
Input
SRC A Audio Input Data
59
LRCKIA
I/O
SRC A Audio Input Left/Right or Word Clock
60
BCKIA
I/O
SRC A Audio Input Bit Clock
61
TDMIA
Input
SRC A TDM Input Data (TDM Format Only)
62
LRCKOA
I/O
SRC A Audio Output Left/Right or Word Clock
63
BCKOA
I/O
SRC A Audio Output Bit Clock
64
SDOUTA
Output
SRC A Audio Output Data
(1) Disabled in Software control mode.
(2) Disabled in Hardware control mode.


Similar Part No. - SRC4184

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4184 TI1-SRC4184 Datasheet
669Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
SRC4184IPAG TI1-SRC4184IPAG Datasheet
669Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
SRC4184IPAGG4 TI1-SRC4184IPAGG4 Datasheet
669Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
SRC4184IPAGR TI1-SRC4184IPAGR Datasheet
669Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
SRC4184IPAGRG4 TI1-SRC4184IPAGRG4 Datasheet
669Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
More results

Similar Description - SRC4184

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4194 BURR-BROWN-SRC4194 Datasheet
502Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4184 TI1-SRC4184_08 Datasheet
669Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com